Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24314C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24314C
Description  Li Charger Front-End Protection IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24314C Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24314C Datasheet HTML 6Page - Texas Instruments BQ24314C Datasheet HTML 7Page - Texas Instruments BQ24314C Datasheet HTML 8Page - Texas Instruments BQ24314C Datasheet HTML 9Page - Texas Instruments BQ24314C Datasheet HTML 10Page - Texas Instruments BQ24314C Datasheet HTML 11Page - Texas Instruments BQ24314C Datasheet HTML 12Page - Texas Instruments BQ24314C Datasheet HTML 13Page - Texas Instruments BQ24314C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
bq24314C
SLUSAV3A – AUGUST 2012 – REVISED JULY 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 OPERATION Mode
The device continuously monitors the input voltage, the input current, and the battery voltage. As long as the
input voltage is less than VOVP, the output voltage tracks the input voltage (less the drop caused by RDSON of
Q1). During fault conditions, the internal FET is turned off and the output is isolated from the input source.
7.4.2 POWER-DOWN Mode
The device remains in POWER-DOWN mode when the input voltage at the IN pin is below the undervoltage
threshold UVLO. The FET Q1 connected between IN and OUT pins is off, and the status output, FAULT, is set to
Hi-Z. See Figure 9.
7.4.3 POWER-ON RESET Mode
The device resets when the input voltage at the IN pin exceeds the UVLO threshold. All internal counters and
other circuit blocks are reset. The IC then waits for duration tDGL(PGOOD) for the input voltage to stabilize. If, after
tDGL(PGOOD), the input voltage and battery voltage are safe, FET Q1 is turned ON. The device has a soft-start
feature to control the inrush current. The soft-start minimizes the ringing at the input (the ringing occurs because
the parasitic inductance of the adapter cable and the input bypass capacitor form a resonant circuit). Figure 13
shows the power-up behavior of the device. Because of the deglitch time at power-on, if the input voltage rises
rapidly to beyond the OVP threshold, the device will not switch on at all, instead it will go into protection mode
and indicate a fault on the FAULT pin, as shown in Figure 14.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: bq24314C


Similar Part No. - BQ24314C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314C TI1-BQ24314C Datasheet
980Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314CDSG TI1-BQ24314CDSG Datasheet
980Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314CDSGR TI1-BQ24314CDSGR Datasheet
980Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24314C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24311 TI1-BQ24311 Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24380 TI1-BQ24380_15 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com