Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24260YFFT Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ24260YFFT
Description  Power-Path Management and USB-OTG Support
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24260YFFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24260YFFT Datasheet HTML 3Page - Texas Instruments BQ24260YFFT Datasheet HTML 4Page - Texas Instruments BQ24260YFFT Datasheet HTML 5Page - Texas Instruments BQ24260YFFT Datasheet HTML 6Page - Texas Instruments BQ24260YFFT Datasheet HTML 7Page - Texas Instruments BQ24260YFFT Datasheet HTML 8Page - Texas Instruments BQ24260YFFT Datasheet HTML 9Page - Texas Instruments BQ24260YFFT Datasheet HTML 10Page - Texas Instruments BQ24260YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Not Recommended for New Designs : bq24260, bq24261
bq24260, bq24261, bq24261M, bq24262
www.ti.com
SLUSBU4E – DECEMBER 2013 – REVISED DECEMBER 2015
8.4 Thermal Information
bq2426x
THERMAL METRIC (1)
YFF [DSBGA]
RGE [VQFN]
UNIT
36 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
55.8
32.6
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
0.5
30.5
°C/W
RθJB
Junction-to-board thermal resistance
10
3.3
°C/W
ψJT
Junction-to-top characterization parameter
2.6
0.4
°C/W
ψJB
Junction-to-board characterization parameter
9.9
9.3
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
2.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5 Electrical Characteristics
Circuit of Figure 7, VUVLO < VIN < VOVP AND VIN > VBAT+ VSLP, TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VUVLO < VIN < VOVP and VIN > VBAT + VSLP
15
PWM switching
YFF Package: VUVLO < VIN < VOVP and VIN > VBAT + VSLP
6.5
mA
PWM NOT switching
IIN
Supply current for control
RGE Package: VUVLO < VIN < VOVP and VIN > VBAT + VSLP
6.65
PWM NOT switching
0°C < TJ < 85°C, VIN = 5 V, Hi-Z Mode
250
μA
0°C < TJ < 85°C, VBAT = 4.2 V, VIN = 5 V,
15
SCL, SDA = 0 V or 1.8 V, Hi-Z Mode
Battery discharge current in
YFF Package: 0°C < TJ < 85°C, VBAT = 4.2 V, VIN = 0 V,
IBAT_HIZ
High Impedance mode, (BAT,
77
μA
SCL, SDA = 0 V or 1.8 V
SW, SYS)
RGE Package: 0°C < TJ < 85°C, VBAT = 4.2 V, VIN = 0 V,
80
SCL, SDA = 0 V or 1.8 V
POWER-PATH MANAGEMENT
VMINSYS
VMINSYS
VMINSYS
VSYSREG(LO)
System Regulation Voltage
VBAT < VMINSYS
V
+ 120
+ 80 mV
+ 100 mV
mV
VBATREG
VBATREG
VBATREG
bq24260/1/2 - Battery FET turned off, no charging, VBAT > 3.5
V
+2.2%
+2.5%
+2.77%
VSYSREG(HI)
System Regulation Voltage
V
VBATREG
VBATREG
VBATREG
bq24261M - Battery FET turned off, no charging, VBAT > 3.5 V
+1.4%
+1.6%
+1.77%
Minimum System Voltage
VMINSYS
VBAT + VDO(SYS_BAT) < 3.5 V
3.44
3.5
3.55
V
Regulation Threshold
Deglitch time, VMINSYS
tDGL(MINSYS_CMP)
8
ms
comparator rising
Enter supplement mode
VBAT – 20
VBSUP1
VBAT > VBUVLO
V
threshold
mV
Exit supplement mode
VBAT – 5
VBSUP2
VBAT > VBUVLO
V
threshold
mV
bq24260/1/2 - VLIM(BGATE) = VBAT – VSYS
4
6
Current Limit, Discharge or
ILIM(DISCH)
A
Supplement Mode (1)
bq24261M - VLIM(BGATE) = VBAT – VSYS
6
9
Deglitch Time, SYS Short
tDGL(SC1)
Circuit during Discharge or
Measured from IBAT = 7A to FET off
250
μs
Supplement Mode
Recovery time, SYS Short
tREC(SC1)
Circuit during Discharge or
2
s
Supplement Mode
Battery Range for BGATE
2.5
4.5
V
Operation
(1)
Continuous and periodic pulse currents from BAT to SYS are limited by Output Current specifications in Absolute Maximum Ratings
table.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq24260 bq24261 bq24261M bq24262


Similar Part No. - BQ24260YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24260SYFFT TI1-BQ24260SYFFT Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
More results

Similar Description - BQ24260YFFT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com