Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24260YFFT Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24260YFFT
Description  Power-Path Management and USB-OTG Support
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24260YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24260YFFT Datasheet HTML 5Page - Texas Instruments BQ24260YFFT Datasheet HTML 6Page - Texas Instruments BQ24260YFFT Datasheet HTML 7Page - Texas Instruments BQ24260YFFT Datasheet HTML 8Page - Texas Instruments BQ24260YFFT Datasheet HTML 9Page - Texas Instruments BQ24260YFFT Datasheet HTML 10Page - Texas Instruments BQ24260YFFT Datasheet HTML 11Page - Texas Instruments BQ24260YFFT Datasheet HTML 12Page - Texas Instruments BQ24260YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Not Recommended for New Designs : bq24260, bq24261
bq24260, bq24261, bq24261M, bq24262
www.ti.com
SLUSBU4E – DECEMBER 2013 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
Circuit of Figure 7, VUVLO < VIN < VOVP AND VIN > VBAT+ VSLP, TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT LIMITING
IINLIM=USB100
90
95
100
IINLIM=USB500
450
475
500
IINLIM=USB150
125
140
150
IINLIM=USB900
800
850
900
IINLIM=1.5 A
1425
1500
1575
USB charge mode, VIN = 5 V, Current
IINLIM=2 A, YFF
IINLIM
Input current limiting threshold
mA
1850
2000
2150
pulled from SW
Package
IINLIM=2 A, RGE
1850
2000
2200
Package
IINLIM=2.5 A, YFF
2300
2500
2700
Package
IINLIM=2.5 A,
2225
2500
2825
RGE Package
Input based DPM threshold
VIN_DPM
4.2
11.6
V
Charge mode, programmable via I2C
range
VIN_DPM threshold Accuracy
–3%
3%
VDRV BIAS REGULATOR
VDRV
Internal bias regulator voltage
VIN > 5 V
4.3
4.8
5.3
V
IDRV
DRV Output Current
0
10
mA
DRV Dropout Voltage
VDO_DRV
IIN = 1 A, VIN = 4.2 V, IDRV = 10 mA
450
mV
(VIN – VDRV)
STATUS OUTPUT (STAT, INT)
Low-level output saturation
VOL
IO = 10 mA, sink current
0.4
V
voltage
IIH
High-level leakage current
V STAT = VINT = 5 V
1
µA
INPUT PINS (CD, PSEL)
VIL
Input low threshold
0.4
V
VIH
Input high threshold
1.4
V
RPULLDOWN
CD pulldown resistance
CD Only
100
k
Ω
Deglitch for CD and PSEL
CD or PSEL rising/falling
100
µs
PROTECTION
VUVLO
IC active threshold voltage
VIN rising
3.2
3.3
3.4
V
VUVLO_HYS
IC active hysteresis
VIN falling from above VUVLO
300
mV
Battery Undervoltage Lockout
VBATUVLO
VBAT falling, VIN > VUVLO
2.4
2.6
V
threshold
Sleep-mode entry threshold,
VSLP
2.0 V < VBAT < VBATREG, VIN falling
0
40
120
mV
VIN-VBAT
Deglitch time, BAT above
tDGL(BAT)
VBATUVLO before SYS starts to
1.2
ms
rise
VSLP_HYS
Sleep-mode exit hysteresis
VIN rising above VSLP
40
100
190
mV
Deglitch time for supply rising
tDGL(VSLP)
Rising voltage, 2-mV over drive, tRISE=100 ns
30
ms
above VSLP+VSLP_HYS
bq24260
10.1
10.5
10.9
Input supply OVP threshold
VOVP
IN rising, 100-mV hysteresis
bq24261/1M
13.6
14
14.4
V
voltage
bq24262
6.25
6.5
6.75
Good Battery Monitor
VBATGD
VIN Rising
3.51
3.7
3.89
V
Threshold (BQ24260/1 only)
Deglitch time, VIN OVP in
tDGL(BUCK_OVP)
IN falling below VOVP
30
ms
Buck Mode
1.03 ×
1.05 ×
1.07 ×
VBOVP
Battery OVP threshold voltage VBAT threshold over VOREG to turn off charger during charge
V
VBATREG
VBATREG
VBATREG
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq24260 bq24261 bq24261M bq24262


Similar Part No. - BQ24260YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24260SYFFT TI1-BQ24260SYFFT Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
More results

Similar Description - BQ24260YFFT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com