Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24400DG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24400DG4
Description  Programmable NiCd/NiMH Fast-Charge Management IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24400DG4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24400DG4 Datasheet HTML 1Page - Texas Instruments BQ24400DG4 Datasheet HTML 2Page - Texas Instruments BQ24400DG4 Datasheet HTML 3Page - Texas Instruments BQ24400DG4 Datasheet HTML 4Page - Texas Instruments BQ24400DG4 Datasheet HTML 5Page - Texas Instruments BQ24400DG4 Datasheet HTML 6Page - Texas Instruments BQ24400DG4 Datasheet HTML 7Page - Texas Instruments BQ24400DG4 Datasheet HTML 8Page - Texas Instruments BQ24400DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
bq24400
SLUS498A – SEPTEMBER 2001 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN DESCRIPTIONS
SNS
Current-sense input
Enables the bq24400 to sense the battery current via the voltage developed on this pin by an
external sense-resistor connected in series with the battery pack
VSS
System Ground
Connect to the battery’s negative terminal
LED
Charge-status output
Open-drain output that indicates the charging status by turning on, turning off, or flashing an external
LED, driven through a resistor.
BAT
Battery-voltage input
Battery-voltage sense input. A simple resistive divider, across the battery terminals, generates this
input.
TS
Temperature-sense input
Input for an external battery-temperature monitoring circuit. An external resistive divider network with
a negative temperature-coefficient thermistor sets the lower and upper temperature thresholds.
RC
Timer-program input
Used to program the maximum fast charge-time, maximum top-off charge-time, hold-off period, trickle
charge rate, and to disable or enable top-off charge. A capacitor from VCC and a resistor to ground
connect to this pin.
VCC
Supply-voltage input
Recommended bypassing is 10µF + 0.1µF to 0.22µF of decoupling capacitance near the pin.
MOD
Modulation-control output
Push-pull output that controls the charging current to the battery. MOD switches high to enable
charging current to flow and low to inhibit charging-current flow.
2
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): bq24400


Similar Part No. - BQ24400DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24400D TI-BQ24400D Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results

Similar Description - BQ24400DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ24401 TI-BQ24401 Datasheet
179Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com