Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24401DG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24401DG4
Description  Programmable NiCd/NiMH Fast-Charge Management IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24401DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24401DG4 Datasheet HTML 2Page - Texas Instruments BQ24401DG4 Datasheet HTML 3Page - Texas Instruments BQ24401DG4 Datasheet HTML 4Page - Texas Instruments BQ24401DG4 Datasheet HTML 5Page - Texas Instruments BQ24401DG4 Datasheet HTML 6Page - Texas Instruments BQ24401DG4 Datasheet HTML 7Page - Texas Instruments BQ24401DG4 Datasheet HTML 8Page - Texas Instruments BQ24401DG4 Datasheet HTML 9Page - Texas Instruments BQ24401DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MTO
hold-off period =
32
bq24401
SLUS497A – SEPTEMBER 2001 – REVISED MARCH 2010
www.ti.com
Initiation and Charge Qualification
The bq24401 initiates a charge cycle when it detects
Application of power to VCC
Battery replacement
Exit from sleep mode
Immediately following initiation, the IC enters a charge-qualification mode. The bq24401 charge qualification is
based on battery voltage and temperature. If the voltage on the BAT pin is less than the internal threshold, VLBAT,
the bq24401 enters the battery conditioning state. This condition indicates the possibility of a defective or shorted
battery pack. In an attempt to revive a fully depleted pack, the bq24401 enables the MOD pin to trickle-charge at
a rate of once every 1.0s. As explained in the section "Top-Off and Pulse-Trickle Maintenance Charge," the
trickle pulse-width is user-selectable and is set by the value of the resistance connected between the RC pin and
VSS.
During charge qualification, the LED pin blinks at a 1Hz rate, indicating the pending status of the charger.
Once battery conditioning (trickle charge) has raised the voltage on the BAT pin above VLBAT, the IC enters fast
charge, if the battery temperature is within the VLTF to VHTF range. The bq24401 will stay in the battery
conditioning state indefinitely and will not progress to fast charge until the voltage on the BAT pin is above VLBAT
and the temperature is within the VLTF and VHTF range. No timer is implemented during battery conditioning.
Fast Charge (Current Regulation)
Following charge qualification (which includes trickle charge, if required), the bq24401 begins fast charge fast
using a current-limited algorithm. During the fast-charge period, it monitors charge time, temperature, and voltage
for adherence to the termination criteria. This monitoring is further explained in later sections. While in the fast
charge state, the LED pin is pulled low (the LED is on). Following fast charge, the battery is topped off, if top-off
is selected. The charging cycle ends with a trickle maintenance-charge that continues as long as the voltage on
the BAT pin remains below VMCV.
Table 1 summarizes the charging process.
Table 1. Charge Algorithm
BATTERY CHEMISTRY
CHARGE ALGORITHM
1. Charge qualification
2. Trickle charge, if required
3. Fast charge (constant current)
NiCd or NiMH Batteries
(VBAT < VMCV always)
4. Fast charge termination (rate of temperature rise, maximum charge time = 1 MTO)
5. Top-off (optional)
6. Trickle charge
FAST CHARGE TERMINATION
Initial Hold-Off Period
The bq24401 incorporates a user programmable hold-off period to avoid premature fast charge termination that
can occur with brand new nickel cells at the very beginning of fast charge. The values of the external resistor and
capacitor connected to the RC pin set the initial hold-off period. During this period, the bq24401 avoids early
termination due to an initial rise in the battery temperature by disabling the rate of temperature rise (
ΔT/Δt)
feature. This period is fixed at the programmed value of the maximum charge time (MTO) divided by 32.
(1)
6
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): bq24401


Similar Part No. - BQ24401DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24401D TI-BQ24401D Datasheet
179Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results

Similar Description - BQ24401DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ24401 TI-BQ24401 Datasheet
179Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com