Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24700 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ24700
Description  NOTEBOOK PC BATTERY CHARGE CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24700 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ24700 Datasheet HTML 14Page - Texas Instruments BQ24700 Datasheet HTML 15Page - Texas Instruments BQ24700 Datasheet HTML 16Page - Texas Instruments BQ24700 Datasheet HTML 17Page - Texas Instruments BQ24700 Datasheet HTML 18Page - Texas Instruments BQ24700 Datasheet HTML 19Page - Texas Instruments BQ24700 Datasheet HTML 20Page - Texas Instruments BQ24700 Datasheet HTML 21Page - Texas Instruments BQ24700 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
bq24700, bq24701
NOTEBOOK PC BATTERY CHARGE CONTROLLER
AND SELECTOR WITH DPM
SLUS452B – APRIL 2001 – REVISED NOVEMBER 2002
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
UDG–00116
(a) VBATSET < 0.25 V
(b) VBATSET > 0.25 V
13
10
+
9
1.25 V
0.25 V
BATSET
BATP
R2
VBAT
gm AMPLIFIER
1.25 V
R1
VREF = 5 V
COMP
13
10
+
9
1.25 V
0.25 V
BATSET
BATP
VBAT
gm AMPLIFIER
1.25 V
COMP
Figure 6. Battery Error Amplifier Input Multiplexing Scheme
programming the battery charge current
The battery charge current is programmed via a voltage on the SRSET pin. This voltage can be derived from
a resistor divider from the 5-V VREF or by means of an DAC. The voltage is converted to a current source that
is used to develop a voltage drop across an internal offset resistor at one input of the SR gm amplifier. The charge
current is then a function of this voltage drop and the sense resistor (RS), refer to Figure 7.


Similar Part No. - BQ24700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI-BQ24700 Datasheet
515Kb / 28P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
BQ24700PW TI-BQ24700PW Datasheet
515Kb / 28P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
BQ24700PWR TI-BQ24700PWR Datasheet
515Kb / 28P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
More results

Similar Description - BQ24700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI-BQ24700 Datasheet
515Kb / 28P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com