Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24261RGER Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ24261RGER
Description  Power-Path Management and USB-OTG Support
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24261RGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24261RGER Datasheet HTML 2Page - Texas Instruments BQ24261RGER Datasheet HTML 3Page - Texas Instruments BQ24261RGER Datasheet HTML 4Page - Texas Instruments BQ24261RGER Datasheet HTML 5Page - Texas Instruments BQ24261RGER Datasheet HTML 6Page - Texas Instruments BQ24261RGER Datasheet HTML 7Page - Texas Instruments BQ24261RGER Datasheet HTML 8Page - Texas Instruments BQ24261RGER Datasheet HTML 9Page - Texas Instruments BQ24261RGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Not Recommended for New Designs : bq24260, bq24261
bq24260, bq24261, bq24261M, bq24262
SLUSBU4E – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IN
–1.3
30
BOOT, PMID
–0.3
30
Terminal Voltage (with respect to
SW
–0.7
20
V
PGND)
BAT
–0.3
5
DRV, SYS, BGATE, CD, INT, PSEL, SDA, SCL, STAT, TS
–0.3
5.5
BOOT to SW
–0.3
5
V
SW
4.5
Output Current (Continuous)
A
SYS, BAT (charging/ discharging)
3.5
Output Current (<20 ms pulse,
BAT (discharging)
6
A
<10% duty cycle)
Input Current (Continuous)
2.75
A
Output Sink Current
STAT, INT
10
mA
Operating free-air temperature
–40
85
°C
Junction temperature, TJ
–40
125
Storage temperature, Tstg
–40
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
±500
(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
IN voltage range
4.2
28 (1)
IN operating voltage range (bq24260)
4.2
10
VIN
V
IN operating voltage range (bq24261/1M)
4.2
13.2
IN operating voltage range (bq24262)
4.2
6.0
IIN
Input current, IN input
2.5
A
ISW
Output Current from SW, DC
3
A
IBAT, ISYS Charging
3
A
Discharging, using internal battery FET
3
TJ
Operating junction temperature range
0
125
°C
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BOOT or SW terminals. A
tight layout minimizes switching noise.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: bq24260 bq24261 bq24261M bq24262


Similar Part No. - BQ24261RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24261RGER TI1-BQ24261RGER Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
More results

Similar Description - BQ24261RGER

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com