Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24700PW Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ24700PW
Description  NOTEBOOK PC BATTERY CHARGE CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24700PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ24700PW Datasheet HTML 9Page - Texas Instruments BQ24700PW Datasheet HTML 10Page - Texas Instruments BQ24700PW Datasheet HTML 11Page - Texas Instruments BQ24700PW Datasheet HTML 12Page - Texas Instruments BQ24700PW Datasheet HTML 13Page - Texas Instruments BQ24700PW Datasheet HTML 14Page - Texas Instruments BQ24700PW Datasheet HTML 15Page - Texas Instruments BQ24700PW Datasheet HTML 16Page - Texas Instruments BQ24700PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
bq24700, bq24701
NOTEBOOK PC BATTERY CHARGE CONTROLLER
AND SELECTOR WITH DPM
SLUS452B – APRIL 2001 – REVISED NOVEMBER 2002
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
dynamic power management
The dynamic power management (DPM) feature allows a cost effective choice of an ac wall-adapter that
accommodates 90% of the system’s operating-current requirements. It minimizes battery charge time by
allocating available power to charge the battery (i.e. IBAT = IADPT – ISYS). If the system plus battery charge
current exceeds the adapter current limit, as shown in Figure 2, the DPM feature reduces the battery charge
current to maintain an overall input current consumption within user defined power capability of the wall-adapter.
As the system’s current requirements decrease, additional current can be directed to the battery, thereby
increasing battery charge current and minimizing battery charge time.
The DPM feature is inherently designed into the PWM controller by inclusion of the three control loops,
battery-charge regulation voltage, battery-charge current, and adapter-charge current, refer to Figure 3. If any
of the three user programmed limits are reached, the corresponding control loop commands the PWM controller
to reduce duty cycle, thereby reducing the battery charge current.
UDG–00113
NO
CHARGE
MAXIMUM
CHARGE CURRENT
DYNAMIC POWER
MANAGEMENT
MAXIMUM
CHARGE CURRENT
ADAPTER CURRENT
SYSTEM CURRENT
BATTERY CHARGE CURRENT
ADAPTER CURRENT LIMIT
Figure 2. Dynamic Power Management
ACDET operation
The ACDET function senses the loss of adequate adapter power. If the voltage on ACDET drops below the
internal 1.2 V reference voltage, a loss of ADAPTER power is declared and the bq24700/bq24701 switches to
battery power as the main system power. In addition, the bq24700/bq24701 shuts down its 5-V VREF and enters
a low power sleep mode. Under normal operation with a battery present, the low impedance battery node
absorbs excess energy stored in the system capacitors (from the higher VADPT voltage) and quickly bring the
system voltage down to the battery voltage level. However, in conditions where the battery has been removed
or appears high impedance due to battery protector operation, the residual system energy stored in the load
capacitors due to the higher VADPT level is directly coupled to the SRN and SRP terminals when the battery
switch-over occurs. This presents a problem for VADPT voltages greater than the absolute maximum voltage
rating of the SRN and SRP pins.


Similar Part No. - BQ24700PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700PW TI-BQ24700PW Datasheet
515Kb / 28P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
BQ24700PWR TI-BQ24700PWR Datasheet
515Kb / 28P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
More results

Similar Description - BQ24700PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI-BQ24700 Datasheet
515Kb / 28P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com