Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24163RGER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24163RGER
Description  Single-Cell Switched-Mode Li-Ion Battery Charger
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24163RGER Datasheet(HTML) 3 Page - Texas Instruments

  BQ24163RGER Datasheet HTML 1Page - Texas Instruments BQ24163RGER Datasheet HTML 2Page - Texas Instruments BQ24163RGER Datasheet HTML 3Page - Texas Instruments BQ24163RGER Datasheet HTML 4Page - Texas Instruments BQ24163RGER Datasheet HTML 5Page - Texas Instruments BQ24163RGER Datasheet HTML 6Page - Texas Instruments BQ24163RGER Datasheet HTML 7Page - Texas Instruments BQ24163RGER Datasheet HTML 8Page - Texas Instruments BQ24163RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
www.ti.com
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
Changes from Revision C (October 2012) to Revision D
Page
Changed the Ordering Information table to include the WSCP package for bq24161BRGR and bq24161BYFF................. 4
Changes from Revision B (September 2012) to Revision C
Page
Added device bq24160A to the data sheet ............................................................................................................................ 1
Changed the Ordering Information table to include bq24160A .............................................................................................. 4
Changes from Revision A (March 2012) to Revision B
Page
Added device bq24161B to the data sheet ............................................................................................................................ 1
Changed the Ordering Information table to include bq24161B .............................................................................................. 4
Changed text From: "battery FET (Q6)" To: "battery FET (Q4)" in the Battery Only Connected section ............................ 18
Changed From: VWARM < VTS < VHOT To: VWARM > VTS > VHOT, and Changed From: VCOLD < VTS < VCOOL To: VCOLD >
VTS > VCOOL in the External NTC Monitoring (TS) section.................................................................................................... 21
Changed Figure 33 .............................................................................................................................................................. 40
Changes from Original (November 2011) to Revision A
Page
Changed the USB Pin numbers in the YFF pachkage for bq24160/3 From: A5-A6 To: A5-A7............................................. 5
Changed VBATREG - Voltage regulation accuracy ................................................................................................................... 7
Changed Figure 21 .............................................................................................................................................................. 34
Changed Figure 22 .............................................................................................................................................................. 35
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168


Similar Part No. - BQ24163RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24163RGER TI-BQ24163RGER Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24163RGER TI-BQ24163RGER Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24163RGER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com