Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324APWE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM324APWE4
Description  Quadruple Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM324APWE4 Datasheet(HTML) 1 Page - Texas Instruments

  LM324APWE4 Datasheet HTML 1Page - Texas Instruments LM324APWE4 Datasheet HTML 2Page - Texas Instruments LM324APWE4 Datasheet HTML 3Page - Texas Instruments LM324APWE4 Datasheet HTML 4Page - Texas Instruments LM324APWE4 Datasheet HTML 5Page - Texas Instruments LM324APWE4 Datasheet HTML 6Page - Texas Instruments LM324APWE4 Datasheet HTML 7Page - Texas Instruments LM324APWE4 Datasheet HTML 8Page - Texas Instruments LM324APWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
IN−
IN+
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902
LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV
SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple
Operational Amplifiers
1 Features
2 Applications
1
2-kV ESD Protection for:
Blu-ray Players and Home Theaters
Chemical and Gas Sensors
LM224K, LM224KA
DVD Recorders and Players
LM324K, LM324KA
Digital Multimeter: Bench and Systems
LM2902K, LM2902KV, LM2902KAV
Digital Multimeter: Handhelds
Wide Supply Ranges
Field Transmitter: Temperature Sensors
Single Supply: 3 V to 32 V
(26 V for LM2902)
Motor Control: AC Induction, Brushed DC,
Brushless DC, High-Voltage, Low-Voltage,
Dual Supplies: ±1.5 V to ±16 V
Permanent Magnet, and Stepper Motor
(±13 V for LM2902)
Oscilloscopes
Low Supply-Current Drain Independent of
Supply Voltage: 0.8 mA Typical
TV: LCD and Digital
Common-Mode Input Voltage Range Includes
Temperature Sensors or Controllers Using
Ground, Allowing Direct Sensing Near Ground
Modbus
Low Input Bias and Offset Parameters
Weigh Scales
Input Offset Voltage: 3 mV Typical
3 Description
MM A Versions: 2 mV Typical
These devices consist of four independent high-gain
Input Offset Current: 2 nA Typical
frequency-compensated operational amplifiers that
Input Bias Current: 20 nA Typical
are designed specifically to operate from a single
MMA Versions: 15 nA Typical
supply or split supply over a wide range of voltages.
Differential Input Voltage Range Equal to
Device Information(1)
Maximum-Rated Supply Voltage:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
32 V (26 V for LM2902)
SOIC (14)
8.65 mm × 3.91 mm
Open-Loop Differential Voltage Amplification:
CDIP (14)
19.56 mm × 6.67 mm
100 V/mV Typical
LMx24, LMx24x,
PDIP (14)
19.30 mm × 6.35 mm
Internal Frequency Compensation
LMx24xx, LM2902,
LM2902x,
CFP (14)
9.21 mm × 5.97 mm
On Products Compliant to MIL-PRF-38535,
LM2902xx,
TSSOP (14)
5.00 mm × 4.40 mm
All Parameters are Tested Unless Otherwise
LM2902xxx
SO (14)
9.20 mm × 5.30 mm
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
SSOP (14)
6.20 mm × 5.30 mm
of All Parameters.
LM124, LM124A
LCCC (20)
8.90 mm × 8.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Symbol (Each Amplifier)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM324APWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324APWE4 TI-LM324APWE4 Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324APWE4 TI-LM324APWE4 Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324APWE4 TI-LM324APWE4 Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM324APWE4 TI-LM324APWE4 Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM324APWE4 TI-LM324APWE4 Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - LM324APWE4

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com