Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24750 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24750
Description  AC Overpower Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24750 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24750 Datasheet HTML 3Page - Texas Instruments BQ24750 Datasheet HTML 4Page - Texas Instruments BQ24750 Datasheet HTML 5Page - Texas Instruments BQ24750 Datasheet HTML 6Page - Texas Instruments BQ24750 Datasheet HTML 7Page - Texas Instruments BQ24750 Datasheet HTML 8Page - Texas Instruments BQ24750 Datasheet HTML 9Page - Texas Instruments BQ24750 Datasheet HTML 10Page - Texas Instruments BQ24750 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
bq24750
www.ti.com............................................................................................................................................... SLUS735D – DECEMBER 2006 – REVISED MARCH 2009
ELECTRICAL CHARACTERISTICS (continued)
7 V
≤ VPVCC ≤ 24 V, 0°C < TJ < 125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF REGULATOR
VVREF_REG
VREF regulator voltage
VACDET > 0.6 V, 0-30 mA
3.267
3.3
3.333
V
IVREF_LIM
VREF current limit
VVREF = 0 V, VACDET > 0.6 V
35
75
mA
REGN REGULATOR
VREGN_REG
REGN regulator voltage
VACDET > 0.6 V, 0-75 mA, PVCC > 10 V
5.6
5.9
6.2
V
IREGN_LIM
REGN current limit
VREGN = 0 V, VACDET > 0.6 V
90
135
mA
ADAPTER CURRENT SENSE AMPLIFIER
VACP/N_OP
Input common mode range
Voltage on ACP/ACN
0
24
V
VIADAPT
IADAPT output voltage range
0
2
IIADAPT
IADAPT output current
0
1
mA
AIADAPT
Current sense amplifier voltage gain
AIADAPT = VIADAPT / VIREG_DPM
20
V/V
VIREG_DPM = 40–100 mV
–2%
2%
VIREG_DPM = 20 mV
–3%
3%
Adapter current sense accuracy
VIREG_DPM = 5 mV
–25%
25%
VIREG_DPM = 1.5 mV
–33%
33%
IIADAPT_LIM
Output current limit
VIADAPT = 0 V
1%
mA
CIADAPT_MAX
Maximum output load capacitance
For stability with 0 mA to 1 mA load
100
pF
ACDET COMPARATOR
ACDET adapter-detect rising
Min voltage to enable charging, VACDET
VACDET_CHG
2.376
2.40
2.424
V
threshold
rising
VACDET_CHG_HYS
ACDET falling hysteresis
VACDET falling
40
mV
ACDET rising deglitch
VACDET rising
518
700
908
ms
ACDET falling deglitch
VACDET falling
7
9
11
ms
Min voltage to enable all bias, VACDET
VACDET_BIAS
ACDET enable-bias rising threshold
0.56
0.62
V
rising
0.68
VACDET_BIAS_HYS
Adapter present falling hysteresis
VACDET falling
20
mV
ACDET rising deglitch
VACDET rising
10
µs
ACDET falling deglitch
VACDET falling
10
µs
PVCC / BAT COMPARATOR (REVERSE DISCHARGING PROTECTION)
Differential Voltage from PVCC to
VPVCC-BAT_OP
–20
V
BAT
24
VPVCC-BAT_FALL
PVCC to BAT falling threshold
VPVCC – VBAT to turn off ACFET
140
185
240
mV
VPVCC-BAT__HYS
PVCC to BAT hysteresis
50
mV
PVCC to BAT Rising Deglitch
VPVCC – VBAT > VPVCC-BAT_RISE
7
9
11
ms
PVCC to BAT Falling Deglitch
VPVCC – VBAT < VPVCC-BAT_FALL
6
µs
INPUT UNDERVOLTAGE LOCK-OUT COMPARATOR (UVLO)
UVLO
AC Undervoltage rising threshold
Measured on PVCC
3.5
4
4.5
V
UVLOHYS
AC Undervoltage hysteresis, falling
260
mV
ACN / BAT COMPARATOR
VACN-BAT_FALL
ACN to BAT falling threshold
VACN – VBAT to turn on BATDRV
175
285
340
mV
VACN-BAT_HYS
ACN to BAT hysteresis
50
mV
ACN to BAT rising deglitch
VACN – VBAT > VACN-BAT_RISE
20
µs
ACN to BAT falling deglitch
VACN – VBAT < VACN-BAT_FALL
6
µs
BAT OVERVOLTAGE COMPARATOR
104
VOV_RISE
Overvoltage rising threshold
As percentage of VBAT_REG
%
102
VOV_FALL
Overvoltage falling threshold
As percentage of VBAT_REG
%
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :bq24750


Similar Part No. - BQ24750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750 TI-BQ24750 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750ARHDR TI-BQ24750ARHDR Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750ARHDT TI-BQ24750ARHDT Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
More results

Similar Description - BQ24750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1733MT NXP-TEA1733MT Datasheet
198Kb / 20P
   GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-4 February 2011
logo
List of Unclassifed Man...
LM-DIN-240V ETC-LM-DIN-240V Datasheet
102Kb / 1P
   Volt AC Protection Module
logo
NXP Semiconductors
TEA1738T NXP-TEA1738T Datasheet
186Kb / 21P
   GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-31 December 2010
logo
Microsemi Corporation
LTW-593DS MICROSEMI-LTW-593DS Datasheet
191Kb / 3P
   AIRCRAFT AC POWER BUS PROTECTION
logo
AVX Corporation
MAV0040WP AVX-MAV0040WP Datasheet
354Kb / 4P
   Miniature AC Varistor ??MAV Low Power AC Circuit Protection
logo
ETA-USA
AOPS15 ETA-USA-AOPS15 Datasheet
1,016Kb / 5P
   15W AC/DC Inrush current protection
logo
LinkCom Manufacturing C...
BPCE030C112 LINKCOM-BPCE030C112_14 Datasheet
129Kb / 2P
   AC Input 90~264Vac Protection: OVP / OTP / SCP
BPCN030C142 LINKCOM-BPCN030C142_14 Datasheet
101Kb / 2P
   AC Input 90~264Vac Protection: OVP / OTP / SCP
logo
International Rectifier
IR2137 IRF-IR2137 Datasheet
86Kb / 9P
   IGBT Protection in AC or BLDC Motor Drives
IR2137IGBT IRF-IR2137IGBT Datasheet
86Kb / 9P
   IGBT Protection in AC or BLDC Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com