Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168RGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168RGER
Description  Single-Cell Switched-Mode Li-Ion Battery Charger
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24168RGER Datasheet(HTML) 1 Page - Texas Instruments

  BQ24168RGER Datasheet HTML 1Page - Texas Instruments BQ24168RGER Datasheet HTML 2Page - Texas Instruments BQ24168RGER Datasheet HTML 3Page - Texas Instruments BQ24168RGER Datasheet HTML 4Page - Texas Instruments BQ24168RGER Datasheet HTML 5Page - Texas Instruments BQ24168RGER Datasheet HTML 6Page - Texas Instruments BQ24168RGER Datasheet HTML 7Page - Texas Instruments BQ24168RGER Datasheet HTML 8Page - Texas Instruments BQ24168RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
SW
SYS
BAT
DRV
PGND
PMIDU
USB
SDA
SCL
INT
BOOT
HOST
PMIDI
IN
VBUS
D+
D–
GND
AC Adapter or
Wireless Power
System
Load
TS
D+
D–
VSYS
TEMP PACK+
+
PACK–
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power
Path Management and I2C Interface
1 Features
2 Applications
1
High-Efficiency Switched-Mode Charger with
Handheld Products
Separate Power Path Control
Portable Media Players
Instantly Start Up System from a Deeply
Portable Equipment
Discharged Battery or No Battery
Netbook and Portable Internet Devices
Compatible with MaxLife™ Technology for Faster
Charging When Used in Conjunction With
3 Description
bq27530
The
bq24160,
bq24160A,
bq24161,
bq24161B,
bq24163, and bq24168 are highly integrated single-
Dual Input, Integrated FET Charger for up to 2.5-A
cell Li-Ion battery charger and system power path
Charging
management
devices
targeted
for
space-limited,
20-V input rating, with Overvoltage Protection
portable applications with high-capacity batteries. The
(OVP)
single-cell charger has dual inputs which allow
6.5 V for USB Input up to 1.5 A
operation from either a USB port or a higher-power
input supply (that is, AC adapter or wireless charging
10.5 V for IN input (bq24160, bq24160A,
input) for a versatile solution. The two inputs are fully
bq24161, bq24163) up to 2.5 A
isolated from each other and are easily selectable
6.5 V for IN input (bq24168) up to 2.5 A
using the I2C interface.
Safe and Accurate Battery-Management
The power path management feature allows the
Functions
bq2416xx to power the system from a high-efficiency
1% Battery Regulation Accuracy
DC-DC
converter
while
simultaneously
and
10% Charge Current Accuracy
independently charging the battery. The power-path
management architecture enables the system to run
Charge Parameters Programmed Using I2C
with a defective or absent battery pack and enables
Interface
instant system turnon even with a totally discharged
Voltage-Based, NTC Monitoring Input
battery or no battery.
JEITA Compatible (bq24160, bq24160A,
Device Information
bq24161B, bq24163, bq24168)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Available in small 2.8-mm × 2.8-mm 49-ball
VQFN (24)
4.00 mm × 4.00 mm
WCSP or 4-mm × 4-mm VQFN-24 Packages
bq2416xx
DSBGA (49)
2.80 mm × 2.80 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24168RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168RGER TI-BQ24168RGER Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24168RGER TI-BQ24168RGER Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168RGER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com