Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168RGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168RGET
Description  Single-Cell Switched-Mode Li-Ion Battery Charger
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24168RGET Datasheet(HTML) 4 Page - Texas Instruments

  BQ24168RGET Datasheet HTML 1Page - Texas Instruments BQ24168RGET Datasheet HTML 2Page - Texas Instruments BQ24168RGET Datasheet HTML 3Page - Texas Instruments BQ24168RGET Datasheet HTML 4Page - Texas Instruments BQ24168RGET Datasheet HTML 5Page - Texas Instruments BQ24168RGET Datasheet HTML 6Page - Texas Instruments BQ24168RGET Datasheet HTML 7Page - Texas Instruments BQ24168RGET Datasheet HTML 8Page - Texas Instruments BQ24168RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
USB
USB
USB
IN
PMIDU
PMIDU
PMIDU
PMIDI
SW
SW
SW
SW
PGND
PGND
PGND
SW
SDA
PGND
BOOT
CD
IN
PMIDI
PGND
D-
SCL
1
2
3
4
5
A
B
C
D
E
IN
SW
D+
PMIDI
PGND
6
BGATE
DRV
SYS
SYS
INT
F
SYS
IN
SW
PGND
PMIDI
PGND
SYS
TS
PGND
BAT
BAT
STAT
BAT
BAT
G
7
USB
USB
USB
IN
PMIDU
PMIDU
PMIDU
PMIDI
SW
SW
SW
SW
PGND
PGND
PGND
SW
SDA
PGND
BOOT
CD
IN
PMIDI
PGND
N.C.
SCL
1
2
3
4
5
A
B
C
D
E
IN
SW
PSEL
PMIDI
PGND
6
BGATE
DRV
SYS
SYS
INT
F
SYS
IN
SW
PGND
PMIDI
PGND
SYS
TS
PGND
BAT
BAT
STAT
BAT
BAT
G
7
bq24160
bq24163
(Top View)
bq24161
bq24161B
bq24168
(Top View)
5
4
3
6
SDA
PGND
bq24160
bq24163
DRV
D-
13
14
15
16
2
1
2
1
D+
SCL
17
18
5
4
3
6
SDA
GND
bq24161
bq24161B
bq241618
SYS
PGND
PGND
DRV
N.C.
13
14
15
16
SYS
2
1
2
1
PSEL
SCL
SW
17
18
SGND
SYS
PGND
PGND
SYS
SW
SGND
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
6 Device Comparison Table
TIMERS
NTC
VBATSHRT/
PART NUMBER(1) (2)
USB OVP
IN OVP
USB DETECTION
VMINSYS
(Safety and
IBATSHRT
MONITORING
Watchdog)
3.0V
bq24160
6.5V
10.5V
D+/D–
Yes
JEITA
3.5V
50mA
3.0V
bq24160A
6.5V
10.5V
D+/D–
No
JEITA
3.5V
50mA
PSEL (0=1.5A,
2.0V
bq24161
6.5V
10.5V
Yes
Standard
3.5V
1=100mA)
50mA
PSEL (0=1.5A,
3.0V
bq24161B
6.5V
10.5V
Yes
JEITA
3.5V
1=500mA)
50mA
2.0V
bq24163
6.5V
10.5V
D+/D–
Yes
JEITA
3.2V
50mA
PSEL (0=1.5A,
2.0V
bq24168
6.5V
6.5V
No
JEITA
3.5V
1=100mA)
50mA
(1)
Each of the above are available in as YFF and RGE packages with the following options:
R - tabed and reeled in quantities of 3,000 devices per reel.
T - taped and reeled in quantities of 250 devices per reel.
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
7 Pin Configuration and Functions
RGE Package
VQFN 24 Pins
Top View
YFF Package
WCSP 49 Pins
Top View
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168


Similar Part No. - BQ24168RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168RGET TI-BQ24168RGET Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24168RGET TI-BQ24168RGET Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168RGET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com