Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168YFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168YFFR
Description  Single-Cell Switched-Mode Li-Ion Battery Charger
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24168YFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24168YFFR Datasheet HTML 4Page - Texas Instruments BQ24168YFFR Datasheet HTML 5Page - Texas Instruments BQ24168YFFR Datasheet HTML 6Page - Texas Instruments BQ24168YFFR Datasheet HTML 7Page - Texas Instruments BQ24168YFFR Datasheet HTML 8Page - Texas Instruments BQ24168YFFR Datasheet HTML 9Page - Texas Instruments BQ24168YFFR Datasheet HTML 10Page - Texas Instruments BQ24168YFFR Datasheet HTML 11Page - Texas Instruments BQ24168YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Circuit of Figure 21, VSUPPLY = VUSB or VIN (whichever is supplying the IC), VUVLO < VSUPPLY < VOVP and VSUPPLY > VBAT+VSLP, TJ
= -40°C – 125°C and TJ = 25ºC for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDETECT
Battery detection threshold
During battery detection source cycle
3.3
V
During battery detection sink cycle
3.0
IDETECT
Battery detection current before charge done (sink
Termination enabled (EN_TERM = 1)
2.5
mA
current)
tDETECT
Battery detection time
Termination enabled (EN_TERM = 1)
250
ms
VIH
PSEL, CD Input high logic level
1.3
V
VIL
PSEL, CD Input low logic level
0.4
V
INPUT CURRENT LIMITING
IUSBLIM = USB100
90
95
100
IUSBLIM = USB500
450
475
500
IUSBLIM = USB150
135
142.5
150
USB charge mode, VUSB = 5V,
IIN_USB
Input current limit threshold (USB input)
mA
DC Current pulled from SW
IUSBLIM = USB900
800
850
900
IUSBLIM = USB800
700
750
800
IUSBLIM = 1.5A
1250
1400
1500
IN charge mode, VIN = 5V,
IINLIM = 1.5A
1.35
1.5
1.65
IIN_IN
Input current limit threshold (IN input)
A
DC Current pulled from SW
IINLIM = 2.5A
2.3
2.5
2.8
VIN_DPM
Input based DPM threshold range
4.2
4.76
V
Charge mode, programmable via I
2C, both inputs
VIN_DPM threshold accuracy
–2
+2%
VDRV BIAS REGULATOR
VDRV
Internal bias regulator voltage
VSUPPLY > 5.45V
5
5.2
5.45
V
IDRV
DRV output current
10
mA
VDO_DRV
DRV Dropout voltage (VSUPPLY – VDRV)
ISUPPLY = 1A, VSUPPLY = 5V, IDRV = 10mA
450
mV
STATUS OUTPUT (STAT, INT)
VOL
Low-level output saturation voltage
IO = 10mA, sink current
0.4
V
IIH
High-level leakage current
VSTAT = VINT = 5V
1
µA
PROTECTION
VUVLO
IC active threshold voltage
VIN rising
3.6
3.8
4
V
VUVLO_HYS
IC active hysteresis
VIN falling from above VUVLO
120
150
mV
VSLP
Sleep-mode entry threshold, VSUPPLY-VBAT
2.0V
≤VBAT ≤VBATREG, VIN falling
0
40
100
mV
VSLP_EXIT
Sleep-mode exit hysteresis
2.0V
≤VBAT ≤VBATREG
40
100
175
mV
Deglitch time for supply rising above VSLP+VSLP_EXIT
Rising voltage, 2mV over drive, tRISE = 100ns
30
ms
After Bad Source Detection completes
VIN_DPM
V
– 80 mV
VBAD_SOURCE
Bad source detection threshold
During Bad Source Detection
VIN_DPM
V
+ 80 mV
tDGL(BSD)
Deglitch on bad source detection
32
ms
USB, VUSB Rising
6.3
6.5
6.7
VOVP
Input supply OVP threshold voltage
IN, VIN Rising (bq24160/1/1B/3)
10.3
10.5
10.7
V
IN, VIN Rising (bq24168)
6.3
6.5
6.7
VOVP(HYS)
VOVP hysteresis
Supply falling from VOVP
100
mV
1.025 ×
1.05 ×
1.075 ×
VBOVP
Battery OVP threshold voltage
VBAT threshold over VOREG to turn off charger during charge
V
VBATREG
VBATREG
VBATREG
% of
VBOVP hysteresis
Lower limit for VBAT falling from above VBOVP
1
VBATREG
tDGL(BOVP)
Battery OVP deglitch
BOVP fault shown in register once tDGL(BOVP) expires.
1
ms
Buck converter shut down immediately when VBAT > VBATOVP
VBATUVLO
Battery undervoltage lockout threshold
VBAT rising, 100mV hysteresis
2.5
V
ILIMIT
Cycle-by-cycle current limit
VSYS shorted
4.1
4.9
5.6
A
TSHTDWN
Thermal trip
165
°C
Thermal hysteresis
10
TREG
Thermal regulation threshold
Charge current begins to cut off
120
°C
Safety timer accuracy
(bq24160/1/1B/3 Only)
–20%
20%
PWM
IIN_LIMIT = 500mA, Measured from USB to PMIDU
95
175
Internal top reverse blocking MOSFET on-resistance
m
Ω
IIN_LIMIT = 500mA, Measured from IN to PMIDI
45
80
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168


Similar Part No. - BQ24168YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168YFFR TI-BQ24168YFFR Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24168YFFR TI-BQ24168YFFR Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168YFFR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com