Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168YFFT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168YFFT
Description  Single-Cell Switched-Mode Li-Ion Battery Charger
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24168YFFT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24168YFFT Datasheet HTML 2Page - Texas Instruments BQ24168YFFT Datasheet HTML 3Page - Texas Instruments BQ24168YFFT Datasheet HTML 4Page - Texas Instruments BQ24168YFFT Datasheet HTML 5Page - Texas Instruments BQ24168YFFT Datasheet HTML 6Page - Texas Instruments BQ24168YFFT Datasheet HTML 7Page - Texas Instruments BQ24168YFFT Datasheet HTML 8Page - Texas Instruments BQ24168YFFT Datasheet HTML 9Page - Texas Instruments BQ24168YFFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IN, USB
–2
20
V
PMIDI, PMIDU, BOOT
–0.3
20
V
Pin voltage range (with
respect to VSS)
SW
–0.7
12
V
SDA, SCL, SYS, BAT, STAT, BGATE, DRV, TS, D+, D–, INT, PSEL, CD
–0.3
7
V
BOOT to SW
–0.3
7
V
SW
4.5
A
Output current (Continuous)
SYS, BAT
3.5
A
IN
2.75
A
Input current (Continuous)
USB
1.75
A
STAT
10
mA
Output sink current
INT
1
mA
Operating free-air temperature range
–40
85
°C
Junction temperature, TJ
–40
125
°C
Lead temperature (soldering, 10 s)
300
° C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
kV
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
500
V
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IN voltage range
4.2
18
VIN
IN operating voltage range (bq24160/1/3)
4.2
10
V
IN operating voltage range (bq24168)
4.2
6
USB voltage range
4.2
18
VUSB
V
USB operating range
4.2
6
IIN
Input current, IN input
2.5
A
IUSB
Input current USB input
1.5
A
ISYS
Output Current from SW, DC
3
A
Charging
2.5
A
IBAT
Discharging, using internal battery FET
2.5
A
TJ
Operating junction temperature range
0
125
ºC
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168


Similar Part No. - BQ24168YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168YFFT TI-BQ24168YFFT Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24168YFFT TI-BQ24168YFFT Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168YFFT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com