Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25071QWDQCTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25071QWDQCTQ1
Description  Automotive Qualified
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25071QWDQCTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ25071QWDQCTQ1 Datasheet HTML 1Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 2Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 3Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 4Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 5Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 6Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 7Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 8Page - Texas Instruments BQ25071QWDQCTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
bq25071-Q1
SLUSCD6 – APRIL 2016
www.ti.com
Product Folder Links: bq25071-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground pin unless otherwise noted.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input Voltage
IN (with respect to GND)
–0.3
30
V
EN, TS (with respect to GND)
–0.3
7
V
Output Voltage
BAT, OUT, LDO, CHG, ISET (with respect to GND)
–0.3
7
V
Input Current (Continuous)
IN
1.2
A
Output Current (Continuous)
BAT
1.2
A
Output Current (Continuous)
LDO
100
mA
Output Sink Current
CHG
5
mA
Junction temperature, TJ
–40
150
°C
Storage temperature, TSTG
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per aec q100-002(1)
±3000
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
Charge current may be limited at low input voltages due to the dropout of the device.
7.3 Recommended Operating Conditions
MIN
MAX
UNITS
VIN
IN operating voltage
3.75
(1)
8
V
IIN
Input current, IN
1
A
IOUT
Output Current in charge mode, OUT
1
A
TJ
Junction Temperature
-40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC (1)
bq25071-Q1
UNIT
DQC (WSON)
10 PINS
RθJA
Junction-to-ambient thermal resistance
61.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
65.5
RθJB
Junction-to-board thermal resistance
22.8
ψJT
Junction-to-top characterization parameter
1.5
ψJB
Junction-to-board characterization parameter
22.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.5


Similar Part No. - BQ25071QWDQCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25071 TI-BQ25071 Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
BQ25071DQCR TI-BQ25071DQCR Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
BQ25071DQCT TI-BQ25071DQCT Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
BQ25071 TI-BQ25071_15 Datasheet
1Mb / 26P
[Old version datasheet]   bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
More results

Similar Description - BQ25071QWDQCTQ1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SUK3015 SANKEN-SUK3015 Datasheet
355Kb / 10P
   Automotive Qualified
SPF0004 SANKEN-SPF0004 Datasheet
376Kb / 11P
   Automotive Qualified
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
TPS3306-15QDRG4Q1 TI1-TPS3306-15QDRG4Q1 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com