Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25895RTWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25895RTWR
Description  Adjustable Voltage 3.1-A Boost Operation
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25895RTWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25895RTWR Datasheet HTML 2Page - Texas Instruments BQ25895RTWR Datasheet HTML 3Page - Texas Instruments BQ25895RTWR Datasheet HTML 4Page - Texas Instruments BQ25895RTWR Datasheet HTML 5Page - Texas Instruments BQ25895RTWR Datasheet HTML 6Page - Texas Instruments BQ25895RTWR Datasheet HTML 7Page - Texas Instruments BQ25895RTWR Datasheet HTML 8Page - Texas Instruments BQ25895RTWR Datasheet HTML 9Page - Texas Instruments BQ25895RTWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6
bq25895
SLUSC88A – MARCH 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: bq25895
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
bq25895
UNIT
RTW (WQFN)
24-PINS
RθJA
Junction-to-ambient thermal resistance
32.2
°C/W
RθJC((op)
Junction-to-case (top) thermal resistance
34.8
°C/W
RθJB
Junction-to-board thermal resistance
8.8
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
8.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.0
°C/W
7.5 Electrical Characteristics
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT > VSLEEP, TJ = –40°C to +125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENTS
IBAT
Battery discharge current (BAT, SW, SYS) in
buck mode
VBAT = 4.2 V, V(VBUS) < V(UVLO),
leakage between BAT and VBUS
5
µA
High-Z mode, no VBUS, BATFET
disabled (REG09[5]=1), battery
monitor disabled, TJ < 85°C
12
23
µA
High-Z mode, no VBUS, BATFET
enabled (REG09[5]=0), battery
monitor disabled, TJ < 85°C
32
60
µA
I(VBUS_HIZ)
Input supply current (VBUS) in buck mode
when High-Z mode is enabled
V(VBUS)= 5 V, High-Z mode, no
battery, battery monitor disabled
15
35
µA
V(VBUS)= 12 V, High-Z mode, no
battery, battery monitor disabled
25
50
µA
I(VBUS)
Input supply current (VBUS) in buck mode
VBUS > V(UVLO), VBUS > VBAT,
converter not switching
1.5
3
mA
VBUS > V(UVLO), VBUS > VBAT,
converter switching, VBAT = 3.2
V, ISYS = 0A
3
mA
VBUS > V(UVLO), VBUS > VBAT,
converter switching, VBAT = 3.8
V, ISYS = 0 A
3
mA
I(BOOST)
Battery discharge current in boost mode
VBAT = 4.2 V, boost mode,
I(VBUS)= 0 A, converter switching
5
mA


Similar Part No. - BQ25895RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25895M TI-BQ25895M Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895MRTWR TI-BQ25895MRTWR Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895MRTWT TI-BQ25895MRTWT Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895M TI-BQ25895M_15 Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
[Old version datasheet]   bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
More results

Similar Description - BQ25895RTWR

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
   Adjustable Output Low Voltage Boost Regulator
logo
Texas Instruments
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
[Old version datasheet]   bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
logo
Micro Linear Corporatio...
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Detect
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264_14 Datasheet
1Mb / 83P
   One Programmable/Adjustable Boost Converter
logo
Texas Instruments
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com