Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26221 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ26221
Description  TEMPERATURE MEASUREMENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ26221 Datasheet(HTML) 3 Page - Texas Instruments

  BQ26221_16 Datasheet HTML 1Page - Texas Instruments BQ26221_16 Datasheet HTML 2Page - Texas Instruments BQ26221_16 Datasheet HTML 3Page - Texas Instruments BQ26221_16 Datasheet HTML 4Page - Texas Instruments BQ26221_16 Datasheet HTML 5Page - Texas Instruments BQ26221_16 Datasheet HTML 6Page - Texas Instruments BQ26221_16 Datasheet HTML 7Page - Texas Instruments BQ26221_16 Datasheet HTML 8Page - Texas Instruments BQ26221_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
bq26221
SLUS607 − MAY 2004
3
www.ti.com
dc electrical characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(OP)
Supply current
VCC = 4.3 V, flash programming not active
30
37
A
I(SLEEP)
Sleep current
VCC = 4.3 V, flash programming not active
1
5
µA
I(HIBERNATE) Hibernate current
0 < VCC < VPOR
600
nA
ICC(PROG)
Flash programming supply current
VCC = 5.5
21
30
mA
ICC(ERASE) Flash erase supply current
VCC = 5.5
21
30
mA
I(RBI)
Register back-up current
RBI pin only,
1.2 V< VCC < V(POR)
25
nA
IOL
Digital output low sink current, GPIO
and HDQ pins
VOL = 0.4 V
1
mA
VIL
Digital input low, GPIO and HDQ pins
0.7
VIH
Digital input high, GPIO and HDQ pins
VCC < 4.2 V
1.7
V
VIH
Digital input high, GPIO and HDQ pins
VCC > 4.2 V
1.9
V
RBAT
BAT input impedance
10
M
RSR
SRP, SRN input impedance
0.2 V < (V(SRP) − V(SRN)) < VCC
10
M
timer characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
E(TMR)
Timer accuracy error
−4%
4%
temperature register characteristics over recommended operating temperature and supply
voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
T(RES)
Reported temperature resolution
0.25
E(T)
Reported temperature
accuracy
BQ26221PW
TSSOP package
−4
4
_K
voltage ADC specification, over recommended operating temperature and supply voltage, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Least significant bit (LSB)(1)
2.6 V
≤ VBAT ≤ 4.5 V
2.44
mV
Integral nonlinearity (INL)
2.6 V
≤ VBAT ≤ 4.5 V, Vcc=VBAT
−4
+4
LSB
Differential nonlinearity (DNL)
2.6 V
≤ VBAT ≤ 4.5 V, Vcc=VBAT
−1
+1
LSB
Offset error
2.6 V
≤ VBAT ≤ 4.5 V, Vcc=VBAT
−3
+14
LSB
Maximum error
2.6 V
≤ VBAT ≤ 4.5 V, Vcc=VBAT
−9
+15
LSB
NOTE 1. For a more detailed explantion of parameters refer to the application note, Understanding Data Converters, TI Literature No. SLAA013.
Not Recommended For New Designs


Similar Part No. - BQ26221_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26221PW TI-BQ26221PW Datasheet
284Kb / 20P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
More results

Similar Description - BQ26221_16

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com