Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25892RTWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25892RTWR
Description  Adjustable Voltage USB On-the-Go Boost Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25892RTWR Datasheet(HTML) 2 Page - Texas Instruments

  BQ25892RTWR Datasheet HTML 1Page - Texas Instruments BQ25892RTWR Datasheet HTML 2Page - Texas Instruments BQ25892RTWR Datasheet HTML 3Page - Texas Instruments BQ25892RTWR Datasheet HTML 4Page - Texas Instruments BQ25892RTWR Datasheet HTML 5Page - Texas Instruments BQ25892RTWR Datasheet HTML 6Page - Texas Instruments BQ25892RTWR Datasheet HTML 7Page - Texas Instruments BQ25892RTWR Datasheet HTML 8Page - Texas Instruments BQ25892RTWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
2
bq25890, bq25892
SLUSC86B – MARCH 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: bq25890 bq25892
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
4 Revision History
Changes from Revision A (June 2015) to Revision B
Page
Added Pin Configuration and Functions section, ESD Rating table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. .............................. 1
Changes from Original (March 2015) to Revision A
Page
Added "Technology" to the data sheet title ........................................................................................................................... 1
Deleted text form the OTG pin Description "OTG = High, IINLIM is set to USB500 mode". ................................................ 5
Changed the Description of the OTG pin in the Pin Functions table .................................................................................... 5
Changed V(SLEEP) and V(SLEEPZ) Unit From: V To: mV ........................................................................................................... 9
Added TYP values to IIN(DPM_ACC) in the Electrical Characteristics table .............................................................................. 11
Deleted D+/D- DETECTION (bq25890) from the Timing Requirements ............................................................................. 16
Added condition "DCR = 10 m
Ω" to Figure 1 ...................................................................................................................... 17
Deleted VCHG_REG and IBAT_REG at Q4 gate Control in the Functional Block Diagram........................................................... 19
Deleted "SDP_STAT bit is updated to indicate USB100 or other input source" from Input Source Type Detection .......... 21
Changed Figure 9, SDP(USB100/USB500) To: SDP (USB500) ......................................................................................... 21
Deleted USB SDP (USB100) and the OTG Pin column from Table 3 and Table 4 ............................................................. 22
Added text to the PSEL/OTG Pins Set Input Current Limit (bq25892) section: "To implement USB100 in the system...".. 22
Deleted section: Plug in USB100 Source ............................................................................................................................ 23
Added text to Input Voltage Limit Threshold Setting (VINDPM Threshold) , "After Input Voltage Limit Threshold..." ........ 23
Changed text in Input Current Optimizer (ICO) From: "After DCP type..." To: "After DCP or MaxCharge type" ................ 23
Changed Equation 1, From: BATCOMP, VREG + VCLAMP To: BATCOMP, VCLAMP ............................................................. 27
Changed the Description of the INLIM Bits in Table 9 ......................................................................................................... 38
Changed , Bits 3 to 0, From: Default: 128mA (0011) To: Default: 256mA (0011) ............................................................... 43
Changed Bit 1 From: SDP_STAT To: Reserved ................................................................................................................. 49
Changed VIN To: VBUS in Equation 6 ................................................................................................................................... 56
Changed Input Capacitor To: Buck Input Capacitor ............................................................................................................ 56
Changed ICIN to IPMID in Buck Input Capacitor and Equation 7 ............................................................................................. 56
Changed "15-V input voltage. 22-
μF capacitanc" To: "14-V input voltage. 8.2-μF capacitance" in Buck Input Capacitor .. 56
Changed Output Capacitor To: System Output Capacitor .................................................................................................. 56
Changed ICOUT To: ICSYS in Equation 8 , Changed Equation 9 ............................................................................................. 56
Deleted Graph "Power UP" .................................................................................................................................................. 57


Similar Part No. - BQ25892RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25892 TI-BQ25892_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results

Similar Description - BQ25892RTWR

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Texas Instruments
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
[Old version datasheet]   2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
[Old version datasheet]   2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
logo
Texas Instruments
BQ25896 TI-BQ25896_15 Datasheet
1Mb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25886_1905 TI1-BQ25886_1905 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25886 TI1-BQ25886 Datasheet
2Mb / 37P
[Old version datasheet]   Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com