Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26220PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26220PW
Description  TEMPERATURE MEASUREMENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ26220PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ26220PW Datasheet HTML 3Page - Texas Instruments BQ26220PW Datasheet HTML 4Page - Texas Instruments BQ26220PW Datasheet HTML 5Page - Texas Instruments BQ26220PW Datasheet HTML 6Page - Texas Instruments BQ26220PW Datasheet HTML 7Page - Texas Instruments BQ26220PW Datasheet HTML 8Page - Texas Instruments BQ26220PW Datasheet HTML 9Page - Texas Instruments BQ26220PW Datasheet HTML 10Page - Texas Instruments BQ26220PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
bq26220
SLUS521B − AUGUST 2002 − REVISED FEBRUARY 2004
7
www.ti.com
APPLICATION INFORMATION
UDG−04012
R2
100 k
R1
0.02
C1
0.1
µF
C2
0.1
µF
R3
100 k
R4
100
R5
100
C3
0.1
µF
C4
0.1
µF
1
2
3
4
8
7
6
5
GPIO
SRP
SRN
BAT
RBI
VCC
VSS
HDQ
bq26220PW
U1
+
D1
5.6 V
Additional ESD
Protection
Protection Controller
PACK+
HDQ
PACK−
Figure 3. Typical Application Circuit for a Single-Cell Li-Ion Application
functional description
The bq26220 measures the voltage drop across a low-value series current-sense resistor between the SRP
and SRN pins using a voltage-to-frequency converter. The cell voltage is sensed between the BAT and VSS
pins. All data is placed into various internal counter and timer registers. Using information from the bq26220,
the system host can determine the battery state-of-charge, estimate self discharge, and calculate the average
charge and discharge currents. During pack storage periods, the use of an internal temperature sensor doubles
the self-discharge count rate every 10
°C above 25°C. The VFC offset is automatically compensated for in the
charge and discharge counter registers.
Access to the registers and control of the bq26220 is accomplished through a single-wire interface through a
register mapped command protocol. This protocol includes placing the device in the low-power mode,
hardware-register reset, programming flash from RAM, and transferring flash data to RAM.
The bq26220 can operate directly from a single Li-Ion cell as long as VCC is between 2.8 V and 4.5 V.


Similar Part No. - BQ26220PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26220PW TI-BQ26220PW Datasheet
250Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
More results

Similar Description - BQ26220PW

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Texas Instruments
BQ26221 TI1-BQ26221_16 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com