Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26501PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26501PW
Description  HANDHELD APPLICATIONS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ26501PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ26501PW Datasheet HTML 5Page - Texas Instruments BQ26501PW Datasheet HTML 6Page - Texas Instruments BQ26501PW Datasheet HTML 7Page - Texas Instruments BQ26501PW Datasheet HTML 8Page - Texas Instruments BQ26501PW Datasheet HTML 9Page - Texas Instruments BQ26501PW Datasheet HTML 10Page - Texas Instruments BQ26501PW Datasheet HTML 11Page - Texas Instruments BQ26501PW Datasheet HTML 12Page - Texas Instruments BQ26501PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
bq26501
SLUS586B − OCTOBER 2003 − REVISED MARCH 2004
9
www.ti.com
APPLICATION INFORMATION
VDQ is cleared and a capacity learning cycle is disqualified by any of the following conditions:
1.
Cold temperature: Temperature less than or equal to the TOFF value programmed in the TCOMP register
when the EDV1 threshold voltage is reached.
2.
Light load: Average current is less than or equal to 2 times the initial standby load (ISLC) when the EDV1
threshold voltage is reached.
3.
Fast voltage drop: VOLT
≤ (EDV1 − 256 mV) when EDV1 is set.
4.
Excessive charging: Cumulative charge added is greater than 255 mAh during a learning discharge cycle
(alternating discharge-charge-discharge before EDV1 is set).
5.
Reset: VDQ is cleared on reset.
6.
Excessive self-discharge: NAC reduction from self−discharge estimate exceeds 12.48%.
7.
Self-discharge at termination of learning cycle. If self-discharge estimate reduces NAC until NAC
≤ LMD/16.
Not Recommended For New Designs


Similar Part No. - BQ26501PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26501PW TI-BQ26501PW Datasheet
340Kb / 27P
[Old version datasheet]   SINGLE CELL LIION AND LIPOL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
More results

Similar Description - BQ26501PW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
   Step-Up Converter for Handheld Applications
2020
logo
Monolithic Power System...
MP1026 MPS-MP1026 Datasheet
34Kb / 1P
   CCFL Driver For Handheld Display Applications
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
   Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
NXP Semiconductors
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
   Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
logo
NXP Semiconductors
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
National Semiconductor ...
LP3905 NSC-LP3905 Datasheet
680Kb / 15P
   Power Management Unit For Low Power Handheld Applications
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com