Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27510DRZRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ27510DRZRG4
Description  Direct Battery Connection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27510DRZRG4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ27510DRZRG4 Datasheet HTML 1Page - Texas Instruments BQ27510DRZRG4 Datasheet HTML 2Page - Texas Instruments BQ27510DRZRG4 Datasheet HTML 3Page - Texas Instruments BQ27510DRZRG4 Datasheet HTML 4Page - Texas Instruments BQ27510DRZRG4 Datasheet HTML 5Page - Texas Instruments BQ27510DRZRG4 Datasheet HTML 6Page - Texas Instruments BQ27510DRZRG4 Datasheet HTML 7Page - Texas Instruments BQ27510DRZRG4 Datasheet HTML 8Page - Texas Instruments BQ27510DRZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
2.5 V LDO REGULATOR
(1)
INTERNAL TEMPERATURE SENSOR CHARACTERISTICS
HIGH FREQUENCY OSCILLATOR
bq27510
SLUS816A – MARCH 2008 – REVISED JUNE 2008.......................................................................................................................................................... www.ti.com
TA = –40°C to 85°C, CREG = 0.47 µF, 2.45 V < VREGIN = VBAT < 5.5 V; typical values at TA = 25°C and VREGIN = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
2.7 V
≤ VREGIN ≤ 5.5 V,
TA = –40°C to 85°C
2.42
2.48
2.57
V
IOUT ≤ 16mA
VREG25
Regulator output voltage
2.45 V
≤ VREGIN < 2.7 V (low
TA = –40°C to 85°C
2.40
V
battery), IOUT ≤ 3mA
2.7 V, IOUT ≤ 16 mA
TA = –40°C to 85°C
280
mV
VDO
Regulator dropout voltage
2.45 V, IOUT ≤ 3 mA
50
ΔVREGTEMP
Regulator output change
VREGIN = 3.6 V,
TA = –40°C to 85°C
0.3%
with temperature
IOUT = 16 mA
ΔVREGLINE
Line regulation
2.7 V
≤ VREGIN ≤ 5.5 V, IOUT = 16 mA
11
25
mV
ΔVREGLOAD
Load regulation
0.2 mA
≤ IOUT ≤ 3 mA, VREGIN = 2.45 V
34
40
mV
3 mA
≤ IOUT ≤ 16 mA, VREGIN = 2.7 V
31
ISHORT
(2)
Short circuit current limit
VREG25 = 0 V,
TA = –40°C to 85°C
250
mA
(1)
LDO output current, IOUT, is the sum of internal and external load currents.
(2)
Assured by design. Not production tested.
TA = –40°C to 85°C, CREG = 0.47µF, 2.45 V < VREGIN = VBAT < 5.5 V; typical values at TA = 25°C and VREGIN = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GTEMP
Temperature sensor voltage gain
–2
mV/°C
TA = –40°C to 85°C, CREG = 0.47µF, 2.45 V < VREGIN = VBAT < 5.5 V; typical values at TA = 25°C and VREGIN = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operating frequency
2.097
MHz
TA = 0°C to 60°C
–2.0%
0.38%
2.0%
fEIO
Frequency error(1) (2)
TA = –20°C to 70°C
–3.0%
0.38%
3.0%
TA = –40°C to 85°C
-4.5%
0.38%
4.5%
tSXO
Start-up time(3)
2.5
5
ms
(1)
The frequency error is measured from 2.097 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3% of typical oscillator frequency.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq27510


Similar Part No. - BQ27510DRZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510DRZR TI-BQ27510DRZR Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510DRZR TI-BQ27510DRZR Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510DRZR TI-BQ27510DRZR Datasheet
905Kb / 38P
[Old version datasheet]   System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
bq27510DRZR-G1 TI-bq27510DRZR-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510DRZR-G1 TI1-BQ27510DRZR-G1 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
More results

Similar Description - BQ27510DRZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_1 Datasheet
905Kb / 38P
[Old version datasheet]   System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
logo
PHOENIX CONTACT
1016274 PHOENIX-1016274 Datasheet
642Kb / 16P
   PCB direct plug, Crimp connection
2020-02-20 version 01
logo
WIZnet Co., Ltd
WIZ140SR WIZNET-WIZ140SR Datasheet
2Mb / 13P
   Direct Connection to Serial Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com