Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27520YZFT-G1 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ27520YZFT-G1
Description  Fuel Gauge With Integrated LDO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27520YZFT-G1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27520YZFT-G1 Datasheet HTML 3Page - Texas Instruments BQ27520YZFT-G1 Datasheet HTML 4Page - Texas Instruments BQ27520YZFT-G1 Datasheet HTML 5Page - Texas Instruments BQ27520YZFT-G1 Datasheet HTML 6Page - Texas Instruments BQ27520YZFT-G1 Datasheet HTML 7Page - Texas Instruments BQ27520YZFT-G1 Datasheet HTML 8Page - Texas Instruments BQ27520YZFT-G1 Datasheet HTML 9Page - Texas Instruments BQ27520YZFT-G1 Datasheet HTML 10Page - Texas Instruments BQ27520YZFT-G1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
bq27520-G1
www.ti.com
SLUS955A
– JAN 2011 – REVISED AUGUST 2011
3.3
POWER-ON RESET
TA = –40°C to 85°C, typical values at TA = 25°C and VREGIN = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going battery voltage input at VCC
2.09
2.20
2.31
V
VHYS
Power-on reset hysteresis
45
115
185
mV
3.4
2.5V LDO REGULATOR
TA = 25°C, CLDO25 = 1μF, VREGIN = 3.6V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
2.5 V LDO REGULATOR(1)
2.7V
≤ VREGIN ≤ 4.5V, IOUT ≤ 16mA
TA = –40°C to 85°C
2.4
2.5
2.54
V
VREG25
Regulator output voltage
2.45V
≤ VREGIN < 2.7V (low battery),
TA = –40°C to 85°C
2.4
V
IOUT ≤ 3mA
CE High-level input
VIH(CE)
2.65
voltage
VREGIN = 2.7 to 4.5V
TA = –40°C to 85°C
V
CE Low-level input
VIL(CE)
0.8
voltage
2.7V, IOUT ≤ 16mA
TA = –40°C to 85°C
325
VDO
Regulator dropout voltage
mV
2.45V, IOUT ≤ 3mA
TA = –40°C to 85°C
50
Regulator output change
ΔVREGTEMP
VREGIN = 3.6V, IOUT = 16mA
TA = –40°C to 85°C
0.5%
with temperature
ΔVREGLINE
Line regulation
2.7V
≤ VREGIN ≤ 4.5V, IOUT = 16mA
18
40
mV
0.2mA
≤ IOUT ≤ 3mA, VREGIN = 2.45 V
34
40
ΔVREGLOAD
Load regulation
mV
3mA
≤ IOUT ≤ 16mA, VREGIN = 2.7 V
31
ISHORT
(2)
Short circuit current limit
VREG25 = 0V
TA = –40°C to 85°C
250
mA
(1)
LDO output current, IOUT, is the sum of internal and external load currents.
(2)
Assured by design. Not production tested.
3.5
INTERNAL TEMPERATURE SENSOR CHARACTERISTICS
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GTEMP
Temperature sensor voltage gain
–2
mV/
°C
3.6
HIGH-FREQUENCY OSCILLATOR
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operating frequency
2.097
MHz
TA = 0°C to 60°C
–2%
0.38%
2%
fEIO
Frequency error(1) (2)
TA = –20°C to 70°C
–3%
0.38%
3%
TA = –40°C to 85°C
–4.5%
0.38%
4.5%
tSXO
Start-up time(3)
2.5
5
ms
(1)
The frequency error is measured from 2.097 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The start-up time is defined as the time it takes for the oscillator output frequency to be within
±3% of typical oscillator frequency.
Copyright
© 2011, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
7
Submit Documentation Feedback
focus.ti.com: bq27520-G1


Similar Part No. - BQ27520YZFT-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27520YZFT-G2 TI1-bq27520YZFT-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520YZFT-G2 TI1-BQ27520YZFT-G2 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFT-G3 TI-BQ27520YZFT-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520YZFT-G3 TI1-BQ27520YZFT-G3 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
bq27520YZFT-G4 TI-bq27520YZFT-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
More results

Similar Description - BQ27520YZFT-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27425-G2 TI1-BQ27425-G2_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fuel Gauge With Integrated Sense Resistor
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com