Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25101YFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25101YFPR
Description  75-nA Battery Leakage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25101YFPR Datasheet(HTML) 4 Page - Texas Instruments

  BQ25101YFPR Datasheet HTML 1Page - Texas Instruments BQ25101YFPR Datasheet HTML 2Page - Texas Instruments BQ25101YFPR Datasheet HTML 3Page - Texas Instruments BQ25101YFPR Datasheet HTML 4Page - Texas Instruments BQ25101YFPR Datasheet HTML 5Page - Texas Instruments BQ25101YFPR Datasheet HTML 6Page - Texas Instruments BQ25101YFPR Datasheet HTML 7Page - Texas Instruments BQ25101YFPR Datasheet HTML 8Page - Texas Instruments BQ25101YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
bq25100, bq25101, bq25100A, bq25100H, bq25101H, bq25100L
SLUSBV8C – AUGUST 2014 – REVISED NOVEMBER 2014
www.ti.com
7 Specifications
7.1
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IN (with respect to VSS)
–0.3
30
V
OUT (with respect to VSS)
–0.3
7
V
Input voltage
PRE-TERM, ISET, TS, CHG
–0.3
7
V
(with respect to VSS)
Input current
IN
300
mA
Output current (continuous)
OUT
300
mA
Output sink current
CHG
15
mA
TJ
Junction temperature
–40
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
7.2 Handling Ratings
MIN
MAX
UNIT
ESD
Electrostatic discharge
IN, OUT, TS
1 µF between IN and GND,
8
kV
(IEC61000-4-2)(1)
1 µF between TS and GND,
contact
2 µF between OUT and GND,
15 Air
x5R Ceramic or equivalent
TSTG
Storage temperature
–65
150
°C
(1)
The test was performed on IC pins that may potentially be exposed to the customer at the product level. The bq2510x IC requires a
minimum of the listed capacitance, external to the IC, to pass the ESD test.
7.3
Recommended Operating Conditions
(1)
MIN
NOM
UNIT
IN voltage range
3.5
28
V
VIN
IN operating voltage range, Restricted by VDPM and VOVP
4.45
6.45
V
IIN
Input current, IN pin
250
mA
IOUT
Current, OUT pin
250
mA
TJ
Junction temperature
0
125
°C
RPRE-TERM
Programs precharge and termination current thresholds
0.6
30
k
RISET
Fast-charge current programming resistor
0.54
13.5
k
RTS
10k NTC thermistor range without entering BAT_EN or TTDM
1.66
258
k
(1)
Operation with VIN less than 4.5V or in drop-out may result in reduced performance.
7.4 Thermal Information
bq25100
THERMAL METRIC(1)
UNIT
YFP (6 PINS)
RθJA
Junction-to-ambient thermal resistance
132.9
RθJCtop
Junction-to-case (top) thermal resistance
1.3
RθJB
Junction-to-board thermal resistance
21.8
°C/W
ψJT
Junction-to-top characterization parameter
5.6
ψJB
Junction-to-board characterization parameter
21.8
RθJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: bq25100 bq25101 bq25100A bq25100H bq25101H bq25100L


Similar Part No. - BQ25101YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101 TI-BQ25101_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery
More results

Similar Description - BQ25101YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100B TI1-BQ25100B Datasheet
1Mb / 34P
[Old version datasheet]   75-nA Battery Leakage
BQ25100A TI-BQ25100A_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100 TI-BQ25100_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100H TI-BQ25100H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
logo
Shanghai Leiditech Elec...
ESDA08CP LEIDITECH-ESDA08CP Datasheet
258Kb / 3P
   Ultra low leakage: nA level
LC0504W LEIDITECH-LC0504W Datasheet
1Mb / 4P
   Ultra low leakage: nA level
ESDA05CT LEIDITECH-ESDA05CT Datasheet
129Kb / 3P
   Ultra low leakage: nA level
logo
First Silicon Co., Ltd
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
   Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
FTVESD0512X6 FS-FTVESD0512X6 Datasheet
356Kb / 4P
   Ultra low leakage: nA level
2022. 01. 03 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com