Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25101YFPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25101YFPR
Description  75-nA Battery Leakage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25101YFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ25101YFPR Datasheet HTML 4Page - Texas Instruments BQ25101YFPR Datasheet HTML 5Page - Texas Instruments BQ25101YFPR Datasheet HTML 6Page - Texas Instruments BQ25101YFPR Datasheet HTML 7Page - Texas Instruments BQ25101YFPR Datasheet HTML 8Page - Texas Instruments BQ25101YFPR Datasheet HTML 9Page - Texas Instruments BQ25101YFPR Datasheet HTML 10Page - Texas Instruments BQ25101YFPR Datasheet HTML 11Page - Texas Instruments BQ25101YFPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
t-time – 10 ms/div
VIN 2 V/div
2 V/div
VOUT
IOUT 60 mA/div
t-time – 20 ms/div
VISET 1 V/div
2 V/div
VOUT
IOUT 60 mA/div
VIN
2 V/div
bq25100, bq25101, bq25100A, bq25100H, bq25101H, bq25100L
SLUSBV8C – AUGUST 2014 – REVISED NOVEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Normal to cold operation; VTS: 0.6 V → 1 V
50
tDGL(TS_10C)
Deglitch for TS thresholds: 10C
ms
Cold to normal operation; VTS: 1 V → 0.6 V
12
Deglitch for TS thresholds:
tDGL(TS)
Battery charging
30
ms
0/45/60C
Charge enable threshold, (10k
VTS-EN-10k
VTS: 0 V → 0.175 V
84
92
100
mV
NTC)
HYS below VTS-EN-10k to disable,
VTS-DIS_HYS-10k
VTS: 0.125 V → 0 V
12
mV
(10k NTC)
THERMAL REGULATION
TJ(REG)
Temperature regulation limit
125
°C
TJ(OFF)
Thermal shutdown temperature
155
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
LOGIC LEVELS ON /CHG
VOL
Output low voltage
ISINK = 5 mA
0.4
V
ILEAK
Leakage current into IC
V CHG = 5 V
1
μA
7.6 Typical Characteristics
Setup: Typical Applications Schematic; VIN = 5 V, VBAT = 3.6 V (unless otherwise noted)
No Battery, No Load
Hot Plug
Figure 3. Power Up Timing
Figure 4. OVP 7-V Adaptor
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: bq25100 bq25101 bq25100A bq25100H bq25101H bq25100L


Similar Part No. - BQ25101YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101 TI-BQ25101_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery
More results

Similar Description - BQ25101YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100B TI1-BQ25100B Datasheet
1Mb / 34P
[Old version datasheet]   75-nA Battery Leakage
BQ25100A TI-BQ25100A_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100 TI-BQ25100_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100H TI-BQ25100H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
logo
Shanghai Leiditech Elec...
ESDA08CP LEIDITECH-ESDA08CP Datasheet
258Kb / 3P
   Ultra low leakage: nA level
LC0504W LEIDITECH-LC0504W Datasheet
1Mb / 4P
   Ultra low leakage: nA level
ESDA05CT LEIDITECH-ESDA05CT Datasheet
129Kb / 3P
   Ultra low leakage: nA level
logo
First Silicon Co., Ltd
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
   Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
FTVESD0512X6 FS-FTVESD0512X6 Datasheet
356Kb / 4P
   Ultra low leakage: nA level
2022. 01. 03 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com