Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27542DRZT-G1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27542DRZT-G1
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27542DRZT-G1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ27542DRZT-G1 Datasheet HTML 5Page - Texas Instruments BQ27542DRZT-G1 Datasheet HTML 6Page - Texas Instruments BQ27542DRZT-G1 Datasheet HTML 7Page - Texas Instruments BQ27542DRZT-G1 Datasheet HTML 8Page - Texas Instruments BQ27542DRZT-G1 Datasheet HTML 9Page - Texas Instruments BQ27542DRZT-G1 Datasheet HTML 10Page - Texas Instruments BQ27542DRZT-G1 Datasheet HTML 11Page - Texas Instruments BQ27542DRZT-G1 Datasheet HTML 12Page - Texas Instruments BQ27542DRZT-G1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Temperature (GC)
-40
-20
0
20
40
60
80
100
8.365
8.37
8.375
8.38
8.385
8.39
8.395
8.4
D003
Temperature (GC)
-40
-20
0
20
40
60
80
100
2.44
2.46
2.48
2.5
2.52
2.54
2.56
2.58
D001
IOUT = 16 mA, REGIN = 5 V
IOUT = 3 mA, REGIN = 2.7 V
Temperature (GC)
-40
-20
0
20
40
60
80
100
32.45
32.5
32.55
32.6
32.65
32.7
32.75
32.8
D002
bq27542-G1
www.ti.com
SLUSC33 – APRIL 2015
8.15 Typical Characteristics
Figure 3. REG25 vs. Temperature
Figure 4. Low Frequency Oscillator vs. Temperature
Figure 5. High Frequency Oscillator vs. Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq27542-G1


Similar Part No. - BQ27542DRZT-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27542DRZT-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com