Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALVTH32244 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54ALVTH32244
Description  2.5-V/3.3-V 32-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALVTH32244 Datasheet(HTML) 2 Page - Texas Instruments

  SN54ALVTH32244_13 Datasheet HTML 1Page - Texas Instruments SN54ALVTH32244_13 Datasheet HTML 2Page - Texas Instruments SN54ALVTH32244_13 Datasheet HTML 3Page - Texas Instruments SN54ALVTH32244_13 Datasheet HTML 4Page - Texas Instruments SN54ALVTH32244_13 Datasheet HTML 5Page - Texas Instruments SN54ALVTH32244_13 Datasheet HTML 6Page - Texas Instruments SN54ALVTH32244_13 Datasheet HTML 7Page - Texas Instruments SN54ALVTH32244_13 Datasheet HTML 8Page - Texas Instruments SN54ALVTH32244_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54ALVTH32244, SN74ALVTH32244
2.5V/3.3V 32BIT BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCES279 − SEPTEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
terminal assignments
12
34
5
6
A
1Y2
1Y1
1OE
2OE
1A1
1A2
B
1Y4
1Y3
GND
GND
1A3
1A4
C
2Y2
2Y1
1VCC
1VCC
2A1
2A2
D
2Y4
2Y3
GND
GND
2A3
2A4
E
3Y2
3Y1
GND
GND
3A1
3A2
F
3Y4
3Y3
1VCC
1VCC
3A3
3A4
G
4Y2
4Y1
GND
GND
4A1
4A2
H
4Y3
4Y4
4OE
3OE
4A4
4A3
J
5Y2
5Y1
5OE
6OE
5A1
5A2
K
5Y4
5Y3
GND
GND
5A3
5A4
L
6Y2
6Y1
2VCC
2VCC
6A1
6A2
M
6Y4
6Y3
GND
GND
6A3
6A4
N
7Y2
7Y1
GND
GND
7A1
7A2
P
7Y4
7Y3
2VCC
2VCC
7A3
7A4
R
8Y2
8Y1
GND
GND
8A1
8A2
T
8Y3
8Y4
8OE
7OE
8A4
8A3
GKE PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
13
4
6
5
P
N
M
L
K
T
R


Similar Part No. - SN54ALVTH32244_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH32244 TI-SN54ALVTH32244 Datasheet
180Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 32-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ALVTH32244_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH32244 TI-SN54ALVTH32244 Datasheet
180Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 32-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244_07 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162827 TI-SN54ALVTH162827 Datasheet
265Kb / 14P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI1-SN54ALVTH16240_14 Datasheet
802Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALVTH16827 TI-SN74ALVTH16827_07 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16244 TI-SN54ALVTH16244_07 Datasheet
529Kb / 19P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16827 TI-SN54ALVTH16827 Datasheet
163Kb / 9P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI-SN54ALVTH16240 Datasheet
178Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com