Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVTH32373 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ALVTH32373
Description  2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVTH32373 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALVTH32373 Datasheet HTML 3Page - Texas Instruments SN74ALVTH32373 Datasheet HTML 4Page - Texas Instruments SN74ALVTH32373 Datasheet HTML 5Page - Texas Instruments SN74ALVTH32373 Datasheet HTML 6Page - Texas Instruments SN74ALVTH32373 Datasheet HTML 7Page - Texas Instruments SN74ALVTH32373 Datasheet HTML 8Page - Texas Instruments SN74ALVTH32373 Datasheet HTML 9Page - Texas Instruments SN74ALVTH32373 Datasheet HTML 10Page - Texas Instruments SN74ALVTH32373 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN54ALVTH32373, SN74ALVTH32373
2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCES322A – FEBRUARY 2000 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
SN54ALVTH32373
SN74ALVTH32373
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
1.5
1.5
ns
tsu
Setup time, data before LE
Data high
1.1
1
ns
tsu
Setup time, data before LE
Data low
1.6
1.5
ns
th
Hold time, data after LE
Data high
1
0.9
ns
th
Hold time, data after LE
Data low
1.6
1.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 2)
SN54ALVTH32373
SN74ALVTH32373
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
1.5
1.5
ns
tsu
Setup time, data before LE
Data high
1.5
1.4
ns
tsu
Setup time, data before LE
Data low
1
0.9
ns
th
Hold time, data after LE
Data high
1
0.9
ns
th
Hold time, data after LE
Data low
1.5
1.4
ns
switching characteristics over recommended operating free-air temperature range, CL = 30 pF,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ALVTH32373
SN74ALVTH32373
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
1
3.4
1
3.3
ns
tPHL
D
Q
1
4.3
1
4.2
ns
tPLH
LE
Q
1.4
3.9
1.5
3.8
ns
tPHL
LE
Q
1.4
4.6
1.5
4.5
ns
tPZH
OE
Q
1.7
4.4
1.8
4.3
ns
tPZL
OE
Q
1.4
4.1
1.5
4
ns
tPHZ
OE
Q
1.4
4.7
1.5
4.6
ns
tPLZ
OE
Q
1
3.7
1
3.6
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
SN54ALVTH32373
SN74ALVTH32373
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
1
3.2
1
3.1
ns
tPHL
D
Q
1
3.4
1
3.3
ns
tPLH
LE
Q
1
3.4
1
3.3
ns
tPHL
LE
Q
1
3.6
1
3.5
ns
tPZH
OE
Q
1.3
4.1
1.4
4
ns
tPZL
OE
Q
1
3.5
1
3.4
ns
tPHZ
OE
Q
1.4
5
1.5
4.9
ns
tPLZ
OE
Q
1.4
4.6
1.5
4.5
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74ALVTH32373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVTH32373 TI-SN74ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVTH32373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH32373 TI-SN54ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373_07 Datasheet
556Kb / 19P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AVC32373 TI-SN74AVC32373 Datasheet
165Kb / 10P
[Old version datasheet]   1.2-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com