Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVTH32373KR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALVTH32373KR
Description  2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVTH32373KR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALVTH32373KR Datasheet HTML 1Page - Texas Instruments SN74ALVTH32373KR Datasheet HTML 2Page - Texas Instruments SN74ALVTH32373KR Datasheet HTML 3Page - Texas Instruments SN74ALVTH32373KR Datasheet HTML 4Page - Texas Instruments SN74ALVTH32373KR Datasheet HTML 5Page - Texas Instruments SN74ALVTH32373KR Datasheet HTML 6Page - Texas Instruments SN74ALVTH32373KR Datasheet HTML 7Page - Texas Instruments SN74ALVTH32373KR Datasheet HTML 8Page - Texas Instruments SN74ALVTH32373KR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54ALVTH32373, SN74ALVTH32373
2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCES322A – FEBRUARY 2000 – REVISED APRIL 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The SN54ALVTH32373 is characterized for operation over the full military temperature range of –55
°C to
125
°C. The SN74ALVTH32373 is characterized for operation from –40°C to 85°C.
FUNCTION TABLE
(each 8-bit latch)
INPUTS
OUTPUT
OE
LE
D
OUTPUT
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
terminal assignments
123456
A
1Q2
1Q1
1OE
1LE
1D1
1D2
B
1Q4
1Q3
GND
GND
1D3
1D4
C
1Q6
1Q5
1VCC
1VCC
1D5
1D6
D
1Q8
1Q7
GND
GND
1D7
1D8
E
2Q2
2Q1
GND
GND
2D1
2D2
F
2Q4
2Q3
1VCC
1VCC
2D3
2D4
G
2Q6
2Q5
GND
GND
2D5
2D6
H
2Q7
2Q8
2OE
2LE
2D8
2D7
J
3Q2
3Q1
3OE
3LE
3D1
3D2
K
3Q4
3Q3
GND
GND
3D3
3D4
L
3Q6
3Q5
2VCC
2VCC
3D5
3D6
M
3Q8
3Q7
GND
GND
3D7
3D8
N
4Q2
4Q1
GND
GND
4D1
4D2
P
4Q4
4Q3
2VCC
2VCC
4D3
4D4
R
4Q6
4Q5
GND
GND
4D5
4D6
T
4Q7
4Q8
4OE
4LE
4D8
4D7
GKE PACKAGE
(TOP VIEW)
1
23456
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T


Similar Part No. - SN74ALVTH32373KR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVTH32373 TI-SN74ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVTH32373KR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH32373 TI-SN54ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373_07 Datasheet
556Kb / 19P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AVC32373 TI-SN74AVC32373 Datasheet
165Kb / 10P
[Old version datasheet]   1.2-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com