Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1021 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC1021
Description  10-Bit Binary Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC1021 Datasheet HTML 7Page - Texas Instruments DAC1021 Datasheet HTML 8Page - Texas Instruments DAC1021 Datasheet HTML 9Page - Texas Instruments DAC1021 Datasheet HTML 10Page - Texas Instruments DAC1021 Datasheet HTML 11Page - Texas Instruments DAC1021 Datasheet HTML 12Page - Texas Instruments DAC1021 Datasheet HTML 13Page - Texas Instruments DAC1021 Datasheet HTML 14Page - Texas Instruments DAC1021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Definition of Terms
Resolution
Resolution is defined as the reciprocal of the
number of discrete steps in the DA output It is directly
related to the number of switches or bits within the DA For
example the DAC1020 has 210 or 1024 steps while the
DAC1220 has 212 or 4096 steps Therefore the DAC1020
has 10-bit resolution while the DAC1220 has 12-bit resolu-
tion
Linearity Error
Linearity error is the maximum deviation
from
a straight line passing through the endpoints of the
DA transfer characteristic It is measured after calibrating
for zero (see VOS adjust in typical applications) and full-
scale Linearity error is a design parameter intrinsic to the
device and cannot be externally adjusted
Power Supply Sensitivity
Power supply sensitivity is a
measure of the effect of power supply changes on the DA
full-scale output
Settling Time
Full-scale settling time requires a zero to full-
scale or full-scale to zero output change Settling time is the
time required from a code transition until the DA output
reaches within g
LSB of final output value
Full-Scale Error
Full-scale error is a measure of the output
error between an ideal DA and the actual device output
Ideally for the DAC1020 full-scale is VREFb1 LSB For
VREFe10V
and
unipolar
operation
VFULL-SCA-
LE
e
100000V98 mVe99902V Full-scale error is ad-
justable to zero as shown in
Figure 5
TLH5689 – 10
ab1
b2
(a) End point test after zero and full-scale adjust
The DAC has 1 LSB linearity error
(b) By shifting the full-scale calibration on of the DAC of
Figure (b1) we could pass the ‘‘best straight line’’ (b2)
test and meet the g
linearity error specification
Note (a) (b1) and (b2) above illustrate the difference between ‘‘end point’’ National’s linearity test (a) and ‘‘best straight line’’ test Note that both devices in (a) and
(b2) meet the g
LSB linearity error specification but the end point test is a more ‘‘real life’’ way of characterizing the DAC
Connection Diagrams
DAC102X
Dual-In-Line Package
TLH5689 – 13
DAC1020
PLCC Package
TLH5689 – 12
DAC122X
Dual-In-Line Package
TLH5689 – 11
http
www nationalcom
10


Similar Part No. - DAC1021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1021 NSC-DAC1021 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1021LCN NSC-DAC1021LCN Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results

Similar Description - DAC1021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
Analog Devices
AD7522 AD-AD7522_15 Datasheet
2Mb / 6P
   CMOS 10 BIT SUFFERED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com