Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CB3T1G125DBVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 74CB3T1G125DBVRG4
Description  SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74CB3T1G125DBVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74CB3T1G125DBVRG4 Datasheet HTML 2Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 3Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 4Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 5Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 6Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 7Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 8Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 9Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI - Input Voltage - V
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI - Input Voltage - V
0.0
1.0
2.0
3.0
4.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
1.0
2.0
3.0
4.0
5.0
6.0
VCC = 3 V
IO = 1 µA
TA = 25°C
VCC = 2.3 V
IO = 1 µA
TA = 25°C
0.0
SN74CB3T1G125
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH
WITH 5-V-TOLERANT LEVEL SHIFTER
SCDS150A – OCTOBER 2003 – REVISED SEPTEMBER 2006
Figure 3. Data Output Voltage vs Data Input Voltage
6
Submit Documentation Feedback


Similar Part No. - 74CB3T1G125DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CB3T16210DGGRE4 TI-74CB3T16210DGGRE4 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16210DGGRG4 TI1-74CB3T16210DGGRG4 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16210DGVRE4 TI-74CB3T16210DGVRE4 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16211DGGRE4 TI-74CB3T16211DGGRE4 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16211DGGRE4 TI-74CB3T16211DGGRE4 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results

Similar Description - 74CB3T1G125DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T1G125-Q1 TI1-SN74CB3T1G125-Q1 Datasheet
554Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI-SN74CB3T16210 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com