Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38073M4 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M38073M4
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38073M4 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38073M4 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38073M4 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38073M4 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38073M4 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38073M4 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38073M4 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38073M4 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38073M4 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38073M4 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
DESCRIPTION
The 3807 group is a 8-bit microcomputer based on the 740 family
core technology.
The 3807 group has two serial I/Os, an A-D converter, a D-A
converter, a real time output port function, a watchdog timer, and an
analog comparator, which are available for a system controller which
controls motors of office equipment and household appliances.
The various microcomputers in the 3807 group include variations of
internal memory size and packaging. For details, refer to the section
on part numbering.
For details on availability of microcomputers in the 3807 group, refer
to the section on group expansion.
Serial I/O1 (UART or Clock-synchronized) .................... 8-bit ! 1
Serial I/O2 (Clock-synchronized) ................................... 8-bit ! 1
A-D converter ................................................ 8-bit ! 13 channels
D-A converter .................................................. 8-bit ! 4 channels
Watchdog timer ............................................................ 16-bit ! 1
Analog comparator ........................................................ 1 channel
2 Clock generating circuit
Main clock (XIN–XOUT) .......................... Internal feedback resistor
Sub-clock (XCIN–XCOUT) .......... Without internal feedback resistor
(connect to external ceramic resonator or quartz-crystal oscillator)
Power source voltage
In high-speed mode ................................................... 4.0 to 5.5 V
(at 8 MHz oscillation frequency and high-speed selected)
In middle-speed mode ................................................ 2.7 to 5.5 V
(at 8 MHz oscillation frequency and middle-speed selected)
In low-speed mode ..................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency and low-speed selected)
Power dissipation
In high-speed mode ......................................................... 34 m W
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................. 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
Memory expansion .......................................................... possible
Operating temperature range ................................... –20 to 85 °C
APPLICATION
LBP engine control, PPC, FAX, office equipment, household appli-
ances, consumer electronics, etc.
FEATURES
Basic machine-language instructions ....................................... 71
The minimum instruction execution time ............................ 0.5 µs
(at 8 MHz oscillation frequency)
Memory size .................................................................................
ROM ................................................ 8 to 60 K bytes
RAM ............................................ 384 to 2048 bytes
Programmable input/output ports ............................................. 68
Software pull-up resistors (Ports P0 to P2) .............................. 24
Input ports (Ports P63 and P64) ................................................. 2
Interrupts .................................................. 20 sources, 16 vectors
Timers X, Y .................................................................. 16-bit ! 2
Timers A, B (for real time output port function) ............ 16-bit ! 2
Timers 1–3 ..................................................................... 8-bit ! 3
Fig. 1. Pin configuration of M38073M4-XXXFP
Package type : 80P6N-A
80-pin plastic-molded QFP
PIN CONFIGURATION (TOP VIEW)
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
M38073M4-XXXFP
P63/CMPIN /AN8
P64/CMPREF /AN9
P65/DAVREF/AN10
AVSS
ADVREF
VCC
P80/DA3/AN11
P81/DA4/AN12
P82/RTP0
P83/RTP1
P84/RTP2
P85/RTP3
P86/RTP4
P87/RTP5
P42/INT0
CNVSS
XIN
XOUT
VSS
P27/DB7
P26/DB6
P25/DB5
P24/DB4
P23/DB3
P22/DB2
P21/DB1
P20/DB0
RESET
P40/XCOUT
P41/XCIN
CMPOUT
CMPVCC
MITSUBISHI MICROCOMPUTERS
3807 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER


Similar Part No. - M38073M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38073M4-XXXFP RENESAS-M38073M4-XXXFP Datasheet
1Mb / 75P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38073M4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com