Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC74 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC74 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVC74 Datasheet HTML 7Page - NXP Semiconductors 74ALVC74 Datasheet HTML 8Page - NXP Semiconductors 74ALVC74 Datasheet HTML 9Page - NXP Semiconductors 74ALVC74 Datasheet HTML 10Page - NXP Semiconductors 74ALVC74 Datasheet HTML 11Page - NXP Semiconductors 74ALVC74 Datasheet HTML 12Page - NXP Semiconductors 74ALVC74 Datasheet HTML 13Page - NXP Semiconductors 74ALVC74 Datasheet HTML 14Page - NXP Semiconductors 74ALVC74 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2003 May 26
11
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74ALVC74
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.8 Load circuitry for switching times.
Definitions for test circuits:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
tPZH/tPHZ
tPZL/tPLZ
1.65 to 1.95 V
VCC
30 pF
1 k
open
GND
2
× VCC
2.3 to 2.7 V
VCC
30 pF
500
open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
open
GND
6 V
3.0 to 3.6 V
2.7 V
50 pF
500
open
GND
6 V


Similar Part No. - 74ALVC74

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC74 NEXPERIA-74ALVC74 Datasheet
258Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 - 27 July 2021
74ALVC74BQ NEXPERIA-74ALVC74BQ Datasheet
258Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 - 27 July 2021
74ALVC74D NEXPERIA-74ALVC74D Datasheet
258Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 - 27 July 2021
74ALVC74PW NEXPERIA-74ALVC74PW Datasheet
258Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 - 27 July 2021
More results

Similar Description - 74ALVC74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com