Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTLPH306 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTLPH306
Description  8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH306 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74GTLPH306 Datasheet HTML 2Page - Texas Instruments SN74GTLPH306 Datasheet HTML 3Page - Texas Instruments SN74GTLPH306 Datasheet HTML 4Page - Texas Instruments SN74GTLPH306 Datasheet HTML 5Page - Texas Instruments SN74GTLPH306 Datasheet HTML 6Page - Texas Instruments SN74GTLPH306 Datasheet HTML 7Page - Texas Instruments SN74GTLPH306 Datasheet HTML 8Page - Texas Instruments SN74GTLPH306 Datasheet HTML 9Page - Texas Instruments SN74GTLPH306 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
Switching Characteristics
SN74GTLPH306
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SCES284E – OCTOBER 1999 – REVISED APRIL 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.5 V and VREF = 1 V for GTLP (see Figure 1)
FROM
TO
PARAMETER
MIN TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
tPLH
1
7.5
A
B
ns
tPHL
1
7.5
ten
1
8
OE
B
ns
tdis
1
8
tr
Rise time, B outputs (20% to 80%)
2.2
ns
tf
Fall time, B outputs (80% to 20%)
2.1
ns
tr
Rise time, A outputs (10% to 90%)
4.1
ns
tf
Fall time, A outputs (90% to 10%)
3.3
ns
tPLH
1
7
B
A
ns
tPHL
1
7
ten
1
8
OE
A
ns
tdis
1
8
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6


Similar Part No. - SN74GTLPH306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306DGVR TI-SN74GTLPH306DGVR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306DW TI-SN74GTLPH306DW Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306DWR TI-SN74GTLPH306DWR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306PWR TI-SN74GTLPH306PWR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results

Similar Description - SN74GTLPH306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com