Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G373DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G373DBVR
Description  Single D-Type Latch With 3-State Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G373DBVR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G373DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G373DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G373DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G373DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G373DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G373DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G373DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G373DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G373DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN74LVC1G373
www.ti.com
SCES528D – DECEMBER 2003 – REVISED DECEMBER 2013
Switching Characteristics
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 2)
SN74LVC1G373
–40°C to 85°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
INPUT
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
D
2
15
1.5
5
1
4
1
3.5
tpd
Q
LE
2
15
1.5
5
1
4
1
3.5
ns
ten
OE
Q
2
12.5
1.5
4.5
1
4
1
2.5
tdis
OE
Q
2
14
1.5
7
1
7.9
1
5.3
Switching Characteristics
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
SN74LVC1G373
–40°C to 85°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
INPUT
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
D
2
16
1.5
7.3
1
5.4
1
4
tpd
Q
LE
2
16.3
1.5
7.4
1
5.5
1
4
ns
ten
OE
Q
2
13
1.5
6.3
1
5.1
1
3.7
tdis
OE
Q
2
17.4
1
5.9
1
6.5
1
4.6
Switching Characteristics
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
SN74LVC1G373
–40°C to 125°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
INPUT
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
D
2
17
1.5
8
1
6
1
4.5
tpd
Q
LE
2
17
1.5
8
1
6
1
4.5
ten
OE
Q
2
13.5
1.5
7
1
5.5
1
4
ns
tdis
OE
Q
2
18.4
1
6.2
1
6.8
1
5
ten
OE
Q
2
14
1.5
8.3
0.9
6.5
0.7
5.5
tdis
OE
Q
2
16
1.1
7.3
1.4
6
0.8
5.1
Operating Characteristics
TA = 25°C
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Outputs enabled
19
19
19
20
Power dissipation
Cpd
f = 10 MHz
pF
capacitance
Outputs disabled
3
3
3
4
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC1G373


Similar Part No. - SN74LVC1G373DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G373DBVR TI-SN74LVC1G373DBVR Datasheet
238Kb / 13P
[Old version datasheet]   SINGLE D-TYPE LATCH
More results

Similar Description - SN74LVC1G373DBVR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com