Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J82IAAVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J82IAAVR
Description  Digital-to-Analog Converter
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39J82IAAVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC39J82IAAVR Datasheet HTML 4Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 5Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 6Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 7Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 8Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 9Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 10Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 11Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 147 page
background image
DAC39J82
SLASE47 – JANUARY 2015
www.ti.com
DC Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE INPUT
VEXTIO
Input voltage range
External reference mode
0.1
0.9
1
V
Input resistance
1
M
Ω
Input capacitance
50
pF
POWER SUPPLY
VDDADAC33
3.15
3.3
3.45
V
VDDAPLL18, VDDAREF18, VDDS18,
1.71
1.8
1.89
V
VQPS18, VDDR18
VDDIO18
1.71
1.8
1.89
V
VDDDIG09, VDDDAC09, VDDCLK09,
fDAC≤2.5GSPS
0.85
0.9
1.05
V
VDDT09
fDAC>2.5GSPS
0.9
1.0
1.05
PSRR
Power Supply Rejection Ratio
DC tested
±0.2
%FSR/V
POWER CONSUMPTION
I(VDDADAC33)
Analog supply current
64
80
I(VDDDIG09)
Digital supply current
591
850
MODE 1:
I(VDDDAC09)
DAC supply current
17
30
fDAC=2.8GSPS, 4x interpolation,
NCO on, QMC on, inverse sinc on,
I(VDDCLK09)
Clock supply current
107
140
mA
GDC off, PAP off, PLL off, LMF=421,
I(VDDT09)
SerDes core supply current
129
200
SerDes rate = 7GSPS, 20mA FS
output,
I(VDDR18)
SerDes analog supply current
12
28
IF=150MHz.
I(VDD18)
Other 1.8V supply current
32
60
P
Power dissipation
1135
1370(2)
mW
I(VDDADAC33)
Analog supply current
64
I(VDDDIG09)
Digital supply current
628
MODE 2:
I(VDDDAC09)
DAC supply current
13
fDAC=2.5GSPS, 2x interpolation,
I(VDDCLK09)
Clock supply current
86
mA
NCO on, QMC on, invsinc on,
GDC off, PAP off, PLL on, LMF=421,
I(VDDT09)
SerDes core supply current
168
SerDes rate = 12.5GSPS,
I(VDDR18)
SerDes analog supply current
18
20mA FS output, IF=150MHz.
I(VDD18)
Other 1.8V supply current
53
P
Power dissipation
1144
mW
I(VDDADAC33)
Analog supply current
64
I(VDDDIG09)
Digital supply current
363
MODE 3:
I(VDDDAC09)
DAC supply current
10
fDAC=1.47456GSPS, 2x interpolation,
NCO on, QMC off, invsinc off, GDC
I(VDDCLK09)
Clock supply current
50
mA
off,
I(VDDT09)
SerDes core supply current
135
PAP off, PLL off, LMF=421,
SerDes rate = 7.3728GSPS,
I(VDDR18)
SerDes analog supply current
12
20mA FS output, IF=150MHz.
I(VDD18)
Other 1.8V supply current
30
P
Power dissipation
789
mW
I(VDDADAC33)
Analog supply current
64
I(VDDDIG09)
Digital supply current
312
MODE 4:
I(VDDDAC09)
DAC supply current
10
fDAC=1.47456GSPS, 4x interpolation,
NCO on, QMC off, invsinc off,
I(VDDCLK09)
Clock supply current
50
mA
GDC off, PAP off, PLL off,
I(VDDT09)
SerDes core supply current
76
LMF=222,
SerDes rate = 7.3728GSPS,
I(VDDR18)
SerDes analog supply current
12
20mA FS output, IF=150MHz.
I(VDD18)
Other 1.8V supply current
30
P
Power dissipation
690
mW
(2)
The MAX power limit is set separately which is NOT equal to the power consumption when all of the power supplies are at the MAX
current.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DAC39J82


Similar Part No. - DAC39J82IAAVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results

Similar Description - DAC39J82IAAVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com