Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J82IAAVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J82IAAVR
Description  Digital-to-Analog Converter
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39J82IAAVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC39J82IAAVR Datasheet HTML 7Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 8Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 9Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 10Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 11Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 12Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 13Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 14Page - Texas Instruments DAC39J82IAAVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 147 page
background image
DAC39J82
www.ti.com
SLASE47 – JANUARY 2015
Digital Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PHASE LOCKED LOOP(1)
pll_vco = '001010'(10)
4559.9
4563.0
4566.2
pll_vco = '001011'(11)
4572.7
4575.9
4579.2
pll_vco = '001100'(12)
4585.7
4589.0
4592.3
pll_vco = '001101'(13)
4599
4602.3
4608
pll_vco = '001110'(14)
4612.5
4615.9
4619.3
pll_vco = '001111'(15)
4626.2
4629.7
4633.1
pll_vco = '010000'(16)
4640.1
4643.6
4647.2
pll_vco = '010001'(17)
4654.3
4657.8
4661.4
pll_vco = '010010'(18)
4668.6
4672.3
4675.9
pll_vco = '010011'(19)
4683.2
4686.9
4690.6
PLL/VCO
pll_vco = '010100'(20)
4698
4701.8
4705.5
Operating
H-Band, pll_vcosel = '0', pll_vcoitune = '11',
MHz
pll_vco = '010101'(21)
4713.1
4716.9
4720.7
Frequency
pll_vco = '010110'(22)
4728.3
4732.2
4736
pll_vco = '010111'(23)
4743.8
4747.7
4751.6
pll_vco = '011000'(24)
4759.5
4763.4
4767.4
pll_vco = '011001'(25)
4775.4
4779.4
4783.4
pll_vco = '011010'(26)
4791.5
4795.6
4800
pll_vco = '011011'(27)
4807.9
4812.0
4816.1
pll_vco = '011100'(28)
4824.4
4828.6
4832.8
pll_vco = '011101'(29)
4841.2
4945.4
4849.7
pll_vco = '011110'(30)
4858.2
4862.5
4866.8
pll_vco = '011111'(31)
4875.4
4879.8
4884.1
(1)
PLL range not covered in the table can be achieved with the following recommended pll_vco adjustment: if die temperature >55 C°,
increase the pll_vco setting by 1; if the die temperature < 15 C°, decrease the pll_vco setting by 1.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC39J82


Similar Part No. - DAC39J82IAAVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results

Similar Description - DAC39J82IAAVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com