Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54AC163 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD54AC163
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54AC163 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54AC163 Datasheet HTML 4Page - Texas Instruments CD54AC163 Datasheet HTML 5Page - Texas Instruments CD54AC163 Datasheet HTML 6Page - Texas Instruments CD54AC163 Datasheet HTML 7Page - Texas Instruments CD54AC163 Datasheet HTML 8Page - Texas Instruments CD54AC163 Datasheet HTML 9Page - Texas Instruments CD54AC163 Datasheet HTML 10Page - Texas Instruments CD54AC163 Datasheet HTML 11Page - Texas Instruments CD54AC163 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CD54AC163, CD74AC163
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS299B – APRIL 2000 – REVISED MARCH 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
CC
MIN
MAX
MIN
MAX
1.5 V
7
8
fclock
Clock frequency
3.3 V
± 0.3 V
64
73
MHz
5 V
± 0.5 V
90
103
1.5 V
69
61
tw
Pulse duration
CLK high or low
3.3 V
± 0.3 V
7.7
6.8
ns
5 V
± 0.5 V
5.5
4.8
1.5 V
63
55
A, B, C, or D
3.3 V
± 0.3 V
7
6.1
5 V
± 0.5 V
5
4.4
1.5 V
63
55
ENP or ENT
3.3 V
± 0.3 V
9.6
8.2
t
Setup time before CLK
5 V
± 0.5 V
5
4.4
ns
tsu
Setup time, before CLK
1.5 V
75
66
ns
LOAD low
3.3 V
± 0.3 V
8.4
7.4
5 V
± 0.5 V
6
5.3
1.5 V
75
66
CLR inactive
3.3 V
± 0.3 V
8.4
7.4
5 V
± 0.5 V
6
5.3
1.5 V
0
0
A, B, C, or D
3.3 V
± 0.3 V
0
0
5 V
± 0.5 V
0
0
1.5 V
0
0
ENP or ENT
3.3 V
± 0.3 V
0
0
th
Hold time after CLK
5 V
± 0.5 V
0
0
ns
th
Hold time, after CLK
1.5 V
0
0
ns
LOAD low
3.3 V
± 0.3 V
0
0
5 V
± 0.5 V
0
0
1.5 V
0
0
CLR inactive
3.3 V
± 0.3 V
0
0
5 V
± 0.5 V
0
0


Similar Part No. - CD54AC163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Intersil Corporation
CD54AC163 INTERSIL-CD54AC163 Datasheet
10Kb / 1P
   Synchronous Presettable Binary Counters
June 1997
CD54AC1633A INTERSIL-CD54AC1633A Datasheet
10Kb / 1P
   Synchronous Presettable Binary Counters
June 1997
logo
Texas Instruments
CD54AC163F TI-CD54AC163F Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - CD54AC163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com