Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC101S101 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC101S101
Description  DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC101S101 Datasheet(HTML) 1 Page - Texas Instruments

  DAC101S101 Datasheet HTML 1Page - Texas Instruments DAC101S101 Datasheet HTML 2Page - Texas Instruments DAC101S101 Datasheet HTML 3Page - Texas Instruments DAC101S101 Datasheet HTML 4Page - Texas Instruments DAC101S101 Datasheet HTML 5Page - Texas Instruments DAC101S101 Datasheet HTML 6Page - Texas Instruments DAC101S101 Datasheet HTML 7Page - Texas Instruments DAC101S101 Datasheet HTML 8Page - Texas Instruments DAC101S101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC101S101, DAC101S101-Q1
SNAS321G – JUNE 2005 – REVISED APRIL 2016
DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
1
1 Features
1
DAC101S101Q is AEC-Q100 Grade 1 Qualified
and is Manufactured on an Automotive Grade
Flow.
Ensured Monotonicity
Low Power Operation
Rail-to-Rail Voltage Output
Power-on Reset to Zero Volts Output
Wide Temperature Range of
−40°C to +125°C
Wide Power Supply Range of 2.7 V to 5.5 V
Small Packages
Power Down Feature
Resolution 10 bits
DNL +0.15, –0.05 LSB (typical)
Output Settling Time 8
μs (typical)
Zero Code Error 3.3 mV (typical)
Full-Scale Error
−0.06 %FS (typical)
Power Consumption
Normal Mode, 0.63 mW (3.6 V) / 1.41 mW (5.5
V) typical
Power Down Mode, 0.14
μW (3.6 V) / 0.33 μW
(5.5 V) typical
2 Applications
Battery-Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage & Current Sources
Programmable Attenuators
Automotive
3 Description
The DAC101S101 is a full-featured, general purpose
10-bit
voltage-output
digital-to-analog
converter
(DAC) that can operate from a single +2.7 V to 5.5 V
supply and consumes just 175 µA of current at 3.6
Volts. The on-chip output amplifier allows rail-to-rail
output swing and the three wire serial interface
operates at clock rates up to 30 MHz over the
specified supply voltage range and is compatible with
standard
SPI,
QSPI,
MICROWIRE
and
DSP
interfaces. Competitive devices are limited to 20 MHz
clock rates at supply voltages in the 2.7 V to 3.6 V
range.
The supply voltage for the DAC101S101 serves as its
voltage reference, providing the widest possible
output dynamic range. A power-on reset circuit
ensures that the DAC output powers up to zero volts
and remains there until there is a valid write to the
device.
A
power-down
feature
reduces
power
consumption to less than a microWatt.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC101S101
VSSOP (8)
3.00 mm × 3.00 mm
DAC101S101,
DAC101S101-Q1
SOT-23 (6)
1.60 mm × 2.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DNL at VA = 3 V


Similar Part No. - DAC101S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMK NSC-DAC101S101CIMK Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMKX NSC-DAC101S101CIMKX Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMM NSC-DAC101S101CIMM Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMMX NSC-DAC101S101CIMMX Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC101S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC081C081 TI1-DAC081C081 Datasheet
1Mb / 41P
[Old version datasheet]   8-Bit Micro Power Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com