Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC101S101CIMM Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC101S101CIMM
Description  DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC101S101CIMM Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC101S101CIMM Datasheet HTML 5Page - Texas Instruments DAC101S101CIMM Datasheet HTML 6Page - Texas Instruments DAC101S101CIMM Datasheet HTML 7Page - Texas Instruments DAC101S101CIMM Datasheet HTML 8Page - Texas Instruments DAC101S101CIMM Datasheet HTML 9Page - Texas Instruments DAC101S101CIMM Datasheet HTML 10Page - Texas Instruments DAC101S101CIMM Datasheet HTML 11Page - Texas Instruments DAC101S101CIMM Datasheet HTML 12Page - Texas Instruments DAC101S101CIMM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
DAC101S101, DAC101S101-Q1
www.ti.com
SNAS321G – JUNE 2005 – REVISED APRIL 2016
Product Folder Links: DAC101S101 DAC101S101-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average Outgoing
Quality Level).
(2)
This parameter is ensured by design and/or characterization and is not tested in production.
7.7
A.C. and Timing Requirements
The following specifications apply for VA = +2.7 V to +5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 12 to 1011, TA = 25°C, unless otherwise specified.
MIN(1)
TYP(1)
MAX(1)
UNIT
fSCLK
SCLK Frequency
DAC101S101: –40°C
≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
30
MHz
ts
Output voltage
settling time (2)
100h to 300h code change,
RL = 2 kΩ
CL
200
pF
5
µs
DAC101S101: –40°C
≤ TA
+105°C, DAC101S101Q:
–40°C
≤ TA ≤ +125°C
7.5
SR
Output slew rate
1
V/µs
Glitch impulse
Code change from 200h to 1FFh
12
nV-sec
Digital feedthrough
0.5
nV-sec
tWU
Wake-up time
VA = 5 V
6
µs
VA = 3 V
39
µs
1/fSCL
K
SCLK Cycle time
DAC101S101: –40°C
≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
33
ns
tH
SCLK High time
5
ns
DAC101S101: –40°C
≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
13
tL
SCLK Low time
5
ns
DAC101S101: –40°C
≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
13
tSUCL
Set-up time SYNC
to SCLK rising
edge
−15
ns
DAC101S101: –40°C
≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
0
tSUD
Data set-up time
2.5
ns
DAC101S101: –40°C
≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
5
tDHD
Data hold time
2.5
ns
DAC101S101: –40°C
≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
4.5
tCS
SCLK fall to rise of
SYNC
VA = 5 V
0
ns
DAC101S101:
−40°C ≤ TA
+105°C, DAC101S101Q:
−40°C ≤ TA ≤ +125°C
3
VA = 3 V
−2
ns
DAC101S101:
−40°C ≤ TA
+105°C, DAC101S101Q:
−40°C ≤ TA ≤ +125°C
1
tSYNC
SYNC High time
2.7
≤ VA ≤ 3.6
9
ns
DAC101S101:
−40°C ≤ TA
+105°C, DAC101S101Q:
−40°C ≤ TA ≤ +125°C
20
3.6
≤ VA ≤ 5.5
5
ns
DAC101S101:
−40°C ≤ TA
+105°C, DAC101S101Q:
−40°C ≤ TA ≤ +125°C
10


Similar Part No. - DAC101S101CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC101S101CIMM NSC-DAC101S101CIMM Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMMX NSC-DAC101S101CIMMX Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC101S101CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC081C081 TI1-DAC081C081 Datasheet
1Mb / 41P
[Old version datasheet]   8-Bit Micro Power Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com