Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCH16374A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVCH16374A
Description  16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH16374A Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVCH16374A_14 Datasheet HTML 1Page - Texas Instruments SN74LVCH16374A_14 Datasheet HTML 2Page - Texas Instruments SN74LVCH16374A_14 Datasheet HTML 3Page - Texas Instruments SN74LVCH16374A_14 Datasheet HTML 4Page - Texas Instruments SN74LVCH16374A_14 Datasheet HTML 5Page - Texas Instruments SN74LVCH16374A_14 Datasheet HTML 6Page - Texas Instruments SN74LVCH16374A_14 Datasheet HTML 7Page - Texas Instruments SN74LVCH16374A_14 Datasheet HTML 8Page - Texas Instruments SN74LVCH16374A_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1OE
1CLK
1D1
To Seven Other Channels
1Q1
2OE
2CLK
2D1
2Q1
To Seven Other Channels
C1
1D
C1
1D
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVCH16374A
SCAS757B – DECEMBER 2003 – REVISED SEPTEMBER 2014
SN74LVCH16374A 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
1 Features
2 Applications
1
Member of the Texas Instruments Widebus™
Servers
Family
PCs and Notebooks
Operates From 1.65 V to 3.6 V
Network Switches
Inputs Accept Voltages to 5.5 V
Electronic Points of Sale
Max tpd of 4.5 ns at 3.3 V
Wearable Health and Fitness Devices
Typical VOLP (Output Ground Bounce)
Toys
< 0.8 V at VCC = 3.3 V, TA = 25°C
Power Infrastructure
Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
3 Description
Ioff Supports Live Insertion, Partial-Power-Down
This 16-bit edge-triggered D-type flip-flop is designed
Mode, and Back-Drive Protection
for 1.65-V to 3.6-V VCC operation.
Supports Mixed-Mode Signal Operation on
Device Information(1)
All Ports (5-V Input and Output Voltages
PART NUMBER
PACKAGE
BODY SIZE (NOM)
With 3.3-V VCC)
SSOP (48)
15.80 mm × 7.50 mm
Bus Hold on Data Inputs Eliminates the Need for
SN74LVCH16374A
TSSOP (48)
12.50 mm × 6.10 mm
External Pullup or Pulldown Resistors
TVSOP (48)
9.70 mm × 4.40 mm
Latch-Up Performance Exceeds 250 mA
(1) For all available packages, see the orderable addendum at
Per JESD 17
the end of the data sheet.
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
1000-V Charged-Device Model (C101)
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVCH16374A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH16374ADGGR TI-SN74LVCH16374ADGGR Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374ADGGR TI-SN74LVCH16374ADGGR Datasheet
300Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374ADGGR TI-SN74LVCH16374ADGGR Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374ADGVR TI-SN74LVCH16374ADGVR Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374ADGVR TI-SN74LVCH16374ADGVR Datasheet
300Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH16374A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74LVCH16374A TI-SN74LVCH16374A_04 Datasheet
300Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16374 PERICOM-PI74ALVCH16374 Datasheet
337Kb / 5P
   16-Bit Edge Triggered D-Type Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ACT16374Q-EP TI-SN74ACT16374Q-EP Datasheet
134Kb / 8P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com