Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH16901DGGRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LVCH16901DGGRE4
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16901DGGRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVCH16901DGGRE4 Datasheet HTML 1Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 2Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVCH16901DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1CLKENAB
LEAB
CLKAB
1ERRA
1APAR
GND
1A1
1A2
1A3
VCC
1A4
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
2A5
VCC
2A6
2A7
2A8
GND
2APAR
2ERRA
OEAB
SEL
2CLKENAB
1CLKENBA
LEBA
CLKBA
1ERRB
1BPAR
GND
1B1
1B2
1B3
VCC
1B4
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
2B5
VCC
2B6
2B7
2B8
GND
2BPAR
2ERRB
OEBA
ODD/EVEN
2CLKENBA
DESCRIPTION/ORDERING INFORMATION
SN74LVCH16901
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH PARITY GENERATORS/CHECKERS
SCES145C – OCTOBER 1998 – REVISED JUNE 2005
Member of the Texas Instruments Widebus+™
Family
UBT™ Transceiver Combines D-Type Latches
and D-Type Flip-Flops for Operation in
Transparent, Latched, or Clocked Modes
Operates From 1.65 V to 3.6 V
Inputs Accept Voltages to 5.5 V
Max tpd of 5.4 ns at 3.3 V
Typical VOLP (Output Ground Bounce) < 0.8 V
at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot) > 2 V at
VCC = 3.3 V, TA = 25°C
Simultaneously Generates and Checks Parity
Option to Select Generate Parity and Check or
Feedthrough Data/Parity in A-to-B or B-to-A
Direction
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
Ioff Supports Partial-Power-Down Mode
Operation
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class I
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
This 18-bit (dual-octal) noninverting registered transceiver is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVCH16901 is a dual 9-bit to dual 9-bit parity transceiver with registers. The device can operate as a
feed-through transceiver, or it can generate/check parity from the two 8-bit data buses in either direction.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
TSSOP – DGG
Tape and reel
SN74LVCH16901DGGR
LVCH16901
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus+, UBT are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Similar Part No. - 74LVCH16901DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCH16952ADGGRE4 TI1-74LVCH16952ADGGRE4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGGRG4 TI1-74LVCH16952ADGGRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGVRE4 TI1-74LVCH16952ADGVRE4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGVRG4 TI1-74LVCH16952ADGVRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADLRG4 TI1-74LVCH16952ADLRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
More results

Similar Description - 74LVCH16901DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16901 TI1-SN74ALVC16901 Datasheet
169Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI-SN74LVCH16901 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901DGGR TI-SN74ALVCH16901DGGR Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901 TI-SN74ALVCH16901 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
logo
Integrated Device Techn...
IDT74ALVCH16901 IDT-IDT74ALVCH16901 Datasheet
80Kb / 9P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com