Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5686 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC5686
Description  16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5686 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5686_16 Datasheet HTML 7Page - Texas Instruments DAC5686_16 Datasheet HTML 8Page - Texas Instruments DAC5686_16 Datasheet HTML 9Page - Texas Instruments DAC5686_16 Datasheet HTML 10Page - Texas Instruments DAC5686_16 Datasheet HTML 11Page - Texas Instruments DAC5686_16 Datasheet HTML 12Page - Texas Instruments DAC5686_16 Datasheet HTML 13Page - Texas Instruments DAC5686_16 Datasheet HTML 14Page - Texas Instruments DAC5686_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
G001
0
10000
20000
30000
40000
50000
60000
70000
Input Code
–2
–4
–6
–8
–10
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V, DVDD = 1.8
V, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data output delay after falling
td(DATA)
10
ns
edge of SCLK
Parallel Data Input Timing, CLK1 Latching (PLL Mode and Dual Clock Mode)
Setup time, data valid to rising
tsu(DATA)
0.3
–0.4
ns
edge of CLK1
Hold time, data valid after rising
th(DATA)
1.2
0.6
ns
edge of CLK1
Timing Parallel Data Input (External Clock Mode, CLK2 Input)
High-impedance load on PLLLOCK.
Setup time, DATA valid to rising
tsu(DATA)
Note that tsu increases with a
4.6
3
ns
edge of PLLLOCK
lower-impedance load.
High-impedance load on PLLLOCK.
Hold time, DATA valid after rising
Note that th decreases (becomes
th(DATA)
–0.8
–2.4
ns
edge of PLLLOCK
more negative) with a
lower-impedance load.
High-impedance load on PLLLOCK.
Delay from CLK2 rising edge to
Note that PLLLOCK delay
td(PLLLock)
2.5
4.2
6.5
ns
PLLLOCK rising edge
increases with a lower-impedance
load.
INTEGRAL NONLINEARITY ERROR
vs
INPUT CODE
Figure 1.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC5686


Similar Part No. - DAC5686_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5686_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
[Old version datasheet]   16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com