Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G80GW Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 74LVC1G80GW
Description  Single D-type flip-flop; positive-edge trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

74LVC1G80GW Datasheet(HTML) 3 Page - Panasonic Semiconductor

  74LVC1G80GW Datasheet HTML 1Page - Panasonic Semiconductor 74LVC1G80GW Datasheet HTML 2Page - Panasonic Semiconductor 74LVC1G80GW Datasheet HTML 3Page - Panasonic Semiconductor 74LVC1G80GW Datasheet HTML 4Page - Panasonic Semiconductor 74LVC1G80GW Datasheet HTML 5Page - Panasonic Semiconductor 74LVC1G80GW Datasheet HTML 6Page - Panasonic Semiconductor 74LVC1G80GW Datasheet HTML 7Page - Panasonic Semiconductor 74LVC1G80GW Datasheet HTML 8Page - Panasonic Semiconductor 74LVC1G80GW Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2004 Sep 10
3
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74LVC1G80
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
↑ = LOW-to-HIGH CP transition;
X = don’t care;
q = lower case letter indicates the state of referenced input, one set-up time prior to the LOW-to-HIGH CP transition.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
CP
D
Q
LH
HL
LX
q
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC1G80GW
−40 °C to +125 °C
5
SC-88A
plastic
SOT353-1
VT
74LVC1G80GV
−40 °C to +125 °C
5
SC-74A
plastic
SOT753
V80
74LVC1G80GM
−40 °C to +125 °C
6
XSON6
plastic
SOT886
VT
PIN TSSOP5; SC-74A
PIN XSON6
SYMBOL
DESCRIPTION
1
1
D
input D
2
2
CP
clock pulse input CP
3
3
GND
ground (0 V)
44
Q
output Q
-
5
n.c.
not connected
56
VCC
supply voltage


Similar Part No. - 74LVC1G80GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G80GW NXP-74LVC1G80GW Datasheet
90Kb / 16P
   Single D-type flip-flop; positive-edge trigger
Rev. 08-29 August 2007
logo
Nexperia B.V. All right...
74LVC1G80GW NEXPERIA-74LVC1G80GW Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G80GW-Q100 NEXPERIA-74LVC1G80GW-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
More results

Similar Description - 74LVC1G80GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79 PHILIPS-74AHC1G79 Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
logo
Nexperia B.V. All right...
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
logo
NXP Semiconductors
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com