Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7545KU Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7545KU
Description  CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7545KU Datasheet(HTML) 1 Page - Texas Instruments

  DAC7545KU Datasheet HTML 1Page - Texas Instruments DAC7545KU Datasheet HTML 2Page - Texas Instruments DAC7545KU Datasheet HTML 3Page - Texas Instruments DAC7545KU Datasheet HTML 4Page - Texas Instruments DAC7545KU Datasheet HTML 5Page - Texas Instruments DAC7545KU Datasheet HTML 6Page - Texas Instruments DAC7545KU Datasheet HTML 7Page - Texas Instruments DAC7545KU Datasheet HTML 8Page - Texas Instruments DAC7545KU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMOS 12-Bit Multiplying
DIGITAL-TO-ANALOG CONVERTER
Microprocessor Compatible
FEATURES
q FOUR-QUADRANT MULTIPLICATION
q LOW-GAIN TC: 2ppm/
°C typ
q MONOTONICITY ENSURED OVER TEMPERATURE
q SINGLE 5V TO 15V SUPPLY
q TTL/CMOS LOGIC COMPATIBLE
q LOW OUTPUT LEAKAGE: 10nA max
q LOW OUTPUT CAPACITANCE: 70pF max
q DIRECT REPLACEMENT FOR THE AD7545,
PM-7545
DESCRIPTION
The DAC7545 is a low-cost, CMOS, 12-bit, four-quadrant
multiplying, digital-to-analog converter (DAC) with input data
latches. The input data is loaded into the DAC as a 12-bit
data word. The data flows through to the DAC when both the
chip select (CS ) and the write (WR) pins are at a logic low.
Laser-trimmed thin-film resistors and excellent CMOS volt-
age switches provide true 12-bit integral and differential
linearity. The device operates on a single +5V to +15V supply
and is available in an SO-20 package; devices are specified
over the commercial temperature range.
The DAC7545 is well suited for battery-powered or other low-
power applications because the power dissipation is less than
0.5mW when used with CMOS logic inputs and VDD = +5V.
12-Bit
Multiplying DAC
AGND
OUT 1
DB
11-DB0
(Pins 4-15)
WR
CS
17
Input
Data Latches
12
12
16
19
V
REF
20
R
FB
1
2
18
3
V
DD
DGND
SBAS150A – AUGUST 1987 – REVISED FEBRUARY 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1987-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DAC7545
DAC7
545
DAC7545


Similar Part No. - DAC7545KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7545KU BURR-BROWN-DAC7545KU Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545KU TI1-DAC7545KU Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results

Similar Description - DAC7545KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com