Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7613EB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7613EB
Description  12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7613EB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7613EB Datasheet HTML 3Page - Texas Instruments DAC7613EB Datasheet HTML 4Page - Texas Instruments DAC7613EB Datasheet HTML 5Page - Texas Instruments DAC7613EB Datasheet HTML 6Page - Texas Instruments DAC7613EB Datasheet HTML 7Page - Texas Instruments DAC7613EB Datasheet HTML 8Page - Texas Instruments DAC7613EB Datasheet HTML 9Page - Texas Instruments DAC7613EB Datasheet HTML 10Page - Texas Instruments DAC7613EB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
®
DAC7613
THEORY OF OPERATION
The DAC7613 is a 12-bit, voltage output Digital-to-Analog
Converter (DAC). The architecture is a classic R-2R ladder
configuration followed by an operational amplifier that serves
as a buffer. The minimum voltage output (“zero-scale”) and
maximum voltage output (“full-scale”) are set by the exter-
nal voltage references (VREFL and VREFH, respectively). The
digital input is a 12-bit parallel word and the DAC input
register offers a readback capability. The converter can be
powered from a single +5V supply or a dual
±5V supply.
The device offers a reset function which immediately sets
the DAC output voltage and DAC register to mid-scale
(code 800H) or to zero-scale (code 000H), depending on the
status of the reset selection. See Figures 1 and 2 for the basic
operation of the DAC7613.
FIGURE 1. Basic Single-Supply Operation of the DAC7613.
FIGURE 2. Basic Dual-Supply Operation of the DAC7613.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R/W
CS
RESETSEL
RESET
LOADDAC
V
OUT
V
DD
GND
V
SS
V
REFH
NIC
V
REFL
Read/Write
Chip Select
Reset Select
Reset DAC
Load DAC Register
0V to +2.5V
DAC7613E
+5V
Data Bus
+2.5V
0.1
µF1µF
0.1
µF
+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R/W
CS
RESETSEL
RESET
LOADDAC
V
OUT
V
DD
GND
V
SS
V
REFH
NIC
V
REFL
Read/Write
Chip Select
Reset Select
Reset DAC
Load DAC Register
–2.5V to +2.5V
DAC7613E
+5V
Data Bus
–5V
0.1
µF1µF
1
µF
0.1
µF
+2.5V
0.1
µF
–2.5V
0.1
µF
+
+


Similar Part No. - DAC7613EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7613EB BURR-BROWN-DAC7613EB Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613EB TI1-DAC7613EB Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613EB-1K TI1-DAC7613EB-1K Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613EB-1KG4 TI1-DAC7613EB-1KG4 Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613EBG4 TI1-DAC7613EBG4 Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7613EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Microchip Technology
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com