Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7614PG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC7614PG4
Description  Quad, Serial Input, 12-Bit, Voltage Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7614PG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7614PG4 Datasheet HTML 5Page - Texas Instruments DAC7614PG4 Datasheet HTML 6Page - Texas Instruments DAC7614PG4 Datasheet HTML 7Page - Texas Instruments DAC7614PG4 Datasheet HTML 8Page - Texas Instruments DAC7614PG4 Datasheet HTML 9Page - Texas Instruments DAC7614PG4 Datasheet HTML 10Page - Texas Instruments DAC7614PG4 Datasheet HTML 11Page - Texas Instruments DAC7614PG4 Datasheet HTML 12Page - Texas Instruments DAC7614PG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
®
DAC7614
THEORY OF OPERATION
The DAC7614 is a quad, serial input, 12-bit, voltage output
DAC. The architecture is a classic R-2R ladder configuration
followed by an operational amplifier that serves as a buffer.
Each DAC has its own R-2R ladder network and output op
amp, but all share the reference voltage inputs. The minimum
voltage output (“zero-scale”) and maximum voltage output
(“full-scale”) are set by external voltage references (VREFL
and VREFH, respectively). The digital input is a 16-bit serial
word that contains the 12-bit DAC code and a 2-bit address
code that selects one of the four DACs (the two remaining
bits are unused). The converter can be powered from a single
+5V supply or a dual
±5V supply. Each device offers a reset
function which immediately sets all DAC output voltages and
internal registers to either zero-scale (code 000H) or mid-scale
(code 800H). The reset code is selected by the state of the
RESETSEL pin (LOW = 000H, HIGH = 800H). See Figures
1 and 2 for the basic operation of the DAC7614.
ANALOG OUTPUTS
When VSS = –5V (dual supply operation), the output
amplifier can swing to within 2.25V of the supply rails,
over the –40
°C to +85°C temperature range. With V
SS = 0V
(single-supply operation), the output can swing to ground.
Note that the settling time of the output op amp will be
longer with voltages very near ground. Also, care must be
taken when measuring the zero-scale error when VSS = 0V.
If the output amplifier has a negative offset, the output
voltage may not change for the first few digital input codes
(000H, 001H, 002H, etc.) since the output voltage cannot
swing below ground.
The behavior of the output amplifier can be critical in some
applications. Under short-circuit conditions (DAC output
shorted to ground), the output amplifier can sink a great deal
more current than it can source. See the Specifications table
for more details concerning short-circuit current.
FIGURE 1. Basic Single-Supply Operation of the DAC7614.
FIGURE 2. Basic Dual-Supply Operation of the DAC7614.
NOTES: (1) P and U package pin configurations shown. (2) As configured, RESET LOW sets all internal registers
to code 000
H (0V). If RESETSEL is HIGH, RESET LOW sets all internal registers to code 800H (1.25V).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADDACS
NIC
CS
CLK
SDI
GND
Reset DACs(2)
Update Selected Register
Chip Select
Clock
Serial Data In
DAC7614(1)
0.1
µF
0.1
µF
0V to +2.5V
1
µF to 10µF
+5V
+
0V to +2.5V
0V to +2.5V
0V to +2.5V
+2.500V
NOTES: (1) P and U package pin configurations shown. (2) As configured, RESET LOW sets all internal register
to code 800
H (0V). If RESETSEL is LOW, RESET LOW sets all internal registers to code 000H (–2.5V).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADDACS
NIC
CS
CLK
SDI
GND
Reset DACs(2)
Update Selected Register
Chip Select
Clock
Serial Data In
DAC7614(1)
0.1
µF
0.1
µF
–2.5V to +2.5V
1
µF to 10µF
+5V
–5V
+
0.1
µF
1
µF to 10µF
+
–2.5V to +2.5V
–2.500V
0.1
µF
+2.500V
–2.5V to +2.5V
–2.5V to +2.5V
+5V


Similar Part No. - DAC7614PG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7614PG4 TI1-DAC7614PG4 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7614PG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7615 TI1-DAC7615_09 Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com