Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7615PG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7615PG4
Description  Quad, Serial Input, 12-Bit, Voltage Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7615PG4 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7615PG4 Datasheet HTML 1Page - Texas Instruments DAC7615PG4 Datasheet HTML 2Page - Texas Instruments DAC7615PG4 Datasheet HTML 3Page - Texas Instruments DAC7615PG4 Datasheet HTML 4Page - Texas Instruments DAC7615PG4 Datasheet HTML 5Page - Texas Instruments DAC7615PG4 Datasheet HTML 6Page - Texas Instruments DAC7615PG4 Datasheet HTML 7Page - Texas Instruments DAC7615PG4 Datasheet HTML 8Page - Texas Instruments DAC7615PG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
®
4
DAC7615
PIN CONFIGURATION—P, U Packages
Top View
PDIP, SOIC
PIN CONFIGURATION—E Package
Top View
SSOP
PIN DESCRIPTIONS—E Package
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +5V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for all DACs.
5
NIC
Not Internally Connected.
6
NIC
Not Internally Connected.
7VREFH
Reference Input Voltage High. Sets maximum out-
put voltage for all DACs.
8VOUTB
DAC B Voltage Output
9VOUTA
DAC A Voltage Output
10
VSS
Negative Analog Supply Voltage, 0V or –5V nomi-
nal.
11
GND
Ground
12
SDI
Serial Data Input
13
CLK
Serial Data Clock
14
CS
Chip Select Input
15
NIC
Not Internally Connected.
16
NIC
Not Internally Connected.
17
LOADDACS
All DAC registers becomes transparent when
LOADDACS is LOW. They are in the latched state
when LOADDACS is HIGH.
18
LOADREG
The selected input register becomes transparent
when LOADREG is LOW. It is in the latched state
when LOADREG is HIGH.
19
RESET
Asynchronous Reset Input. Sets all DAC registers
to either
zero-scale (000H) or mid-scale (800H)
when LOW. RESETSEL determines which code is
active.
20
RESETSEL
When LOW, a LOW on RESET will cause all DAC
registers to be set to code 000H. When RESETSEL
is HIGH, a LOW on RESET will set the registers to
code 800H.
PIN DESCRIPTIONS—P, U Packages
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +5V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for all DACs.
5VREFH
Reference Input Voltage High. Sets maximum out-
put voltage for all DACs.
6VOUTB
DAC B Voltage Output
7VOUTA
DAC A Voltage Output
8VSS
Negative Analog Supply Voltage, 0V or –5V nomi-
nal.
9
GND
Ground
10
SDI
Serial Data Input
11
CLK
Serial Data Clock
12
CS
Chip Select Input
13
LOADDACS
All DAC registers become transparent when
LOADDACS is LOW. They are in the latched state
when LOADDACS is HIGH.
14
LOADREG
The selected input register becomes transparent
when LOADREG is LOW. It is in the latched state
when LOADREG is HIGH.
15
RESET
Asynchronous Reset Input. Sets DAC and input
registers to either zero-scale (000H) or mid-scale
(800H) when LOW. RESETSEL determines which
code is active.
16
RESETSEL
When LOW, a LOW on RESET will cause the DAC
and input registers to be set to code 000H. When
RESETSEL is HIGH, a LOW on RESET will set the
registers to code 800H.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADREG
LOADDACS
CS
CLK
SDI
GND
DAC7615P, U
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V
DD
V
OUTD
V
OUTC
V
REFL
NIC
NIC
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADREG
LOADDACS
NIC
NIC
CS
CLK
SDI
GND
DAC7615E


Similar Part No. - DAC7615PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7615P BURR-BROWN-DAC7615P Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615PB BURR-BROWN-DAC7615PB Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7615PG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7614 TI1-DAC7614_09 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com