Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7614UG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7614UG4
Description  Quad, Serial Input, 12-Bit, Voltage Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7614UG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7614UG4 Datasheet HTML 7Page - Texas Instruments DAC7614UG4 Datasheet HTML 8Page - Texas Instruments DAC7614UG4 Datasheet HTML 9Page - Texas Instruments DAC7614UG4 Datasheet HTML 10Page - Texas Instruments DAC7614UG4 Datasheet HTML 11Page - Texas Instruments DAC7614UG4 Datasheet HTML 12Page - Texas Instruments DAC7614UG4 Datasheet HTML 13Page - Texas Instruments DAC7614UG4 Datasheet HTML 14Page - Texas Instruments DAC7614UG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
®
DAC7614
STATE OF
SELECTED
SELECTED
DAC
DAC
A1
A0
LOADDACS
RESET
REGISTER
REGISTER
L(1)
L
L
H
A
Transparent
L
H
L
H
B
Transparent
H
L
L
H
C
Transparent
H
H
L
H
D
Transparent
X(2)
X
H
H
NONE
(All Latched)
X
X
X
L
ALL
Reset(3)
NOTES: (1) L = Logic LOW. (2) X = Don’t Care. (3) Resets to either 000H or
800H, per the RESETSEL state (LOW = 000H, HIGH = 800H). When RESET
rises, all registers that are in their latched state retain the reset value.
TABLE II. Control Logic Truth Table.
CS(1)
CLK(1)
LOADDACS
RESET
SERIAL SHIFT REGISTER
H(2)
X(3)
H
H
No Change
L(4)
L
H
H
No Change
L
(5)
H
H
Advanced One Bit
L
H
H
Advanced One Bit
H(6)
XL(7)
H
No Change
H(6)
XH
L(8)
No Change
NOTES: (1) CS and CLK are interchangeable. (2) H = Logic HIGH. (3) X =
Don’t Care. (4) L = Logic LOW (5) = Positive Logic Transition. (6) A HIGH
value is suggested in order to avoid a “false clock” from advancing the shift
register and changing the shift register. (7) If data is clocked into the serial
register while LOADDACS is LOW, the selected DAC register will change as
the shift register bits “flow” through A1 and A0. This will corrupt the data in
each DAC register that has been erroneously selected. (8) RESET LOW
causes no change in the contents of the serial shift register.
TABLE III. Serial Shift Register Truth Table.
Note that CS and CLK are combined with an OR gate and
the output controls the serial-to-parallel shift register inter-
nal to the DAC7614 (see the block diagram on the front of
this data sheet). These two inputs are completely inter-
changeable. In addition, care must be taken with the state of
CLK when CS rises at the end of a serial transfer. If CLK is
LOW when CS rises, the OR gate will provide a rising edge
to the shift register, shifting the internal data one additional
bit. The result will be incorrect data and possible selection of
the wrong DAC.
If both CS and CLK are used, then CS should rise only when
CLK is HIGH. If not, then either CS or CLK can be used to
operate the shift register. See Table III for more information.
Digital Input Coding
The DAC7614 input data is in Straight Binary format. The
output voltage is given by the following equation:
where N is the digital input code (in decimal). This equation
does not include the effects of offset (zero-scale) or gain
(full-scale) errors.
(VREFH – VREFL) • N
4096
VOUT = VREFL +


Similar Part No. - DAC7614UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7614UG4 TI1-DAC7614UG4 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7614UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7615 TI1-DAC7615_09 Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com