Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G04GV Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # 74LVC2G04GV
Description  Dual inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

74LVC2G04GV Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button 74LVC2G04GV Datasheet HTML 5Page - Panasonic Semiconductor 74LVC2G04GV Datasheet HTML 6Page - Panasonic Semiconductor 74LVC2G04GV Datasheet HTML 7Page - Panasonic Semiconductor 74LVC2G04GV Datasheet HTML 8Page - Panasonic Semiconductor 74LVC2G04GV Datasheet HTML 9Page - Panasonic Semiconductor 74LVC2G04GV Datasheet HTML 10Page - Panasonic Semiconductor 74LVC2G04GV Datasheet HTML 11Page - Panasonic Semiconductor 74LVC2G04GV Datasheet HTML 12Page - Panasonic Semiconductor 74LVC2G04GV Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2004 Sep 15
9
Philips Semiconductors
Product specification
Dual inverter
74LVC2G04
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.7 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
1.65 V to 1.95 V
VCC
30 pF
1 k
open
2.3 V to 2.7 V
VCC
30 pF
500
open
2.7 V
2.7 V
50 pF
500
open
3.0 V to 3.6 V
2.7 V
50 pF
500
open
4.5 V to 5.5 V
VCC
50 pF
500
open


Similar Part No. - 74LVC2G04GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G04GV NXP-74LVC2G04GV Datasheet
84Kb / 14P
   Dual inverter
Rev. 04-25 July 2007
logo
Nexperia B.V. All right...
74LVC2G04GV NEXPERIA-74LVC2G04GV Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
74LVC2G04GV-Q100 NEXPERIA-74LVC2G04GV-Q100 Datasheet
208Kb / 12P
   Dual inverter
More results

Similar Description - 74LVC2G04GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com